Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804468 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804468
Description  GMKDSP 3/ 2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804468 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804468 Datasheet HTML 1Page - PHOENIX CONTACT 0804468 Datasheet HTML 2Page - PHOENIX CONTACT 0804468 Datasheet HTML 3Page - PHOENIX CONTACT 0804468 Datasheet HTML 4Page - PHOENIX CONTACT 0804468 Datasheet HTML 5Page - PHOENIX CONTACT 0804468 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GMKDSP 3/ 2 Order No.: 1732021
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1732021
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Jan 25, 2011
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0804468
SK 7,5/5:FORTL.ZAHLEN
Marker card, self-adhesive, 10-section marker strip, 10 identical
decades marked 1-10, 11-20 etc. up to 91-100, sufficient for 100
terminal blocks
0805124
SK 7,5/5:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 10 identical marker strips per card, max.
25-position labeling per strip, color: White
0803922
SK U/5,0 WH:UNBEDRUCKT
Kennzeichnungskarten unbedruckt, DIN A4-Format, freie
Rastereinteilung, selbstklebend, mit 35 vorgestanzten
Kennzeichnungsstreifen, 185 mm Streifenlänge, beschriftbar mit
dem CMS-System oder manuell mit dem B-STIFT oder X-PEN
Plug/Adapter
0201731
MPS-IH BK
Insulating sleeve, Color: black
0201689
MPS-IH BU
Insulating sleeve, Color: blue
0201676
MPS-IH RD
Insulating sleeve, Color: red
0201744
MPS-MT
Test plugs
0201647
RPS
Reducing plug, Color: gray
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Diagrams/Drawings
Drilling plan/solder pad geometry



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com