Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSK310 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DSK310
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

DSK310 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  DSK310 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DSK310 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DSK310 Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DN:T19715A0
https://www.microdiode.com
Rev:2019A0
Page :1
DSK32 THRU DSK320
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 °C/10 seconds at terminals
Reverse Voltage - 20 to 200 Volts Forward Current - 3.0 Ampere
Mechanical Data
Case
: JEDEC SOD-123FL molded plastic body
Terminals
: Solderable per MIL-STD-750,Method
2026 Polarity : Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.0007 ounce, 0.02 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Ratings And Electrical Characteristics
Parameter
SYMBOLS
DSK
32
DSK
34
DSK
35
DSK
36
DSK
38
DSK
310
DSK
315
DSK
320
UNITS
Marking Code
MDD
K
32
MDD
K
34
MDD
K
35
MDD
K
36
MDD
K
38
MDD
K
310
MDD
K
315
MDD
K
320
Maximum repetitive peak reverse voltage
VRMM
20
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
40
50
60
80
100
150
200
V
Maximum average forward rectified current
at TL(see fig.1)
I(AV)
3.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
80
A
Maximum instantaneous forward voltage at 3.0A
VF
0.55
0.70
0.85
0.95
V
Maximum DCreverse current
TA=25℃
at rated DCblocking voltage
TA=125℃
IR
0.5
0.3
mA
10.0
5.0
Typical junction capacitance (NOTE 1)
CJ
250
160
pF
Typical thermal resistance (NOTE 2)
RJA
80.0
℃/
W
Operating junction temperature range
TJ
-55to+125
℃
Storage temperature range
TSTG
-55to+150
℃
Note:
1.Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B.mountedwith2.0x2.0”(5.0x5.0cm) copperpadareas.
3.The typical data above is for reference only.
Dimensions in inches and (millimeters)
SOD-123FL
0.154(3.90)
0.141(3.60)
0.035(0.90)
0.028(0.70)
0.008(0.20)
0.005(0.12)
0.043(1.10)
0.035(0.90)
0.114(2.90)
0.102(2.60)
0.031 (0.08)
0.043 (1.10)
0.075(1.90)
0.067(1.70)


Similar Part No. - DSK310

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
DSK310 CHENDA-DSK310 Datasheet
549Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
DSK310 ZSELEC-DSK310 Datasheet
139Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Guangdong Juxing Electr...
DSK310 JUXING-DSK310 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
DSK310 JUXING-DSK310 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
logo
Shanghai Leiditech Elec...
DSK310 LEIDITECH-DSK310 Datasheet
1Mb / 3P
Schottkyre ctifier
More results

Similar Description - DSK310

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com