Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4VM Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Jacinto??Automotive Processors for ADAS and Autonomous Vehicles Silicon Revision 1.0
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA4VM Datasheet(HTML) 71 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 67Page - Texas Instruments TDA4VM Datasheet HTML 68Page - Texas Instruments TDA4VM Datasheet HTML 69Page - Texas Instruments TDA4VM Datasheet HTML 70Page - Texas Instruments TDA4VM Datasheet HTML 71Page - Texas Instruments TDA4VM Datasheet HTML 72Page - Texas Instruments TDA4VM Datasheet HTML 73Page - Texas Instruments TDA4VM Datasheet HTML 74Page - Texas Instruments TDA4VM Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 311 page
background image
Copyright © 2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA4VM
71
TDA4VM
www.ti.com
SPRSP36E – FEBRUARY 2019 – REVISED DECEMBER 2019
Table 4-1. Pin Attributes (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMODE
[7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL
UP/DOWN
TYPE [12]
DSIS [13]
RXACTIVE/
TXDISABL
E [14]
F27
wkup_gpio0_3
MCU_SPI1_CS0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU Yes
LVCMOS
TBD
1
0/1
MCU_SPI1_CS0
1
IO
1
WKUP_GPIO0_3
7
IO
0
G25
wkup_gpio0_4
MCU_MCAN1_TX
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU Yes
LVCMOS
TBD
0/1
MCU_MCAN1_TX
1
O
MCU_SPI0_CS3
2
IO
1
MCU_ADC_EXT_TRIGGER0
3
I
pad
WKUP_GPIO0_4
7
IO
0
G24
wkup_gpio0_5
MCU_MCAN1_RX
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU Yes
LVCMOS
TBD
1
0/1
MCU_MCAN1_RX
1
I
1
MCU_SPI1_CS3
2
IO
1
MCU_ADC_EXT_TRIGGER1
3
I
pad
WKUP_GPIO0_5
7
IO
0
F29
wkup_gpio0_6
WKUP_UART0_CTSn
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU Yes
LVCMOS
TBD
1
0/1
WKUP_UART0_CTSn
1
I
1
MCU_CPTS0_HW1TSPUSH
2
I
0
MCU_I2C1_SCL
3
IOD
1
WKUP_GPIO0_6
7
IO
0
G28
wkup_gpio0_7
WKUP_UART0_RTSn
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU Yes
LVCMOS
TBD
0/1
WKUP_UART0_RTSn
1
O
MCU_CPTS0_HW2TSPUSH
2
I
0
MCU_I2C1_SDA
3
IOD
1
WKUP_GPIO0_7
7
IO
0
G27
wkup_gpio0_8
MCU_I2C1_SCL
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU Yes
LVCMOS
TBD
1
0/1
MCU_I2C1_SCL
1
IOD
1
MCU_CPTS0_TS_SYNC
2
O
MCU_I3C1_SCL
3
IO
1
MCU_TIMER_IO6
4
IO
0
WKUP_GPIO0_8
7
IO
0
G26
wkup_gpio0_9
MCU_I2C1_SDA
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU Yes
LVCMOS
TBD
1
0/1
MCU_I2C1_SDA
1
IOD
1
MCU_CPTS0_TS_COMP
2
O
MCU_I3C1_SDA
3
IO
1
MCU_TIMER_IO7
4
IO
0
WKUP_GPIO0_9
7
IO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com