Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS36B Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SS36B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SS36B Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SS36B Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS36B Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS36B Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev:2019A0
Page :2
Typical Characterisitics
The curve above is for reference only.
https://www.microdiode.com
SS32B THRU SS3200B
Reverse Voltage - 20 to 200 Volts Forward Current - 3.0 Ampere
0.1
0
0.4
1.4
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
1.0
10
0.6
0.2
0.8
1.0
1.2
1.8
1.6
SS32B/SS34B
SS36B/SS38B
SS310B
SS315
0B/SS3200B
20
100
1
30
40
50
20
60
80
70
Fig.5 Maximum Non-Repetitive Peak
Forward Surge Current
10
Number of Cycles at 60Hz
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
TJ=25°C
TJ=100°C
Percent of Rated Peak Reverse Voltage
(%)
100
10 0
101
10 2
10 3
10 4
TJ=75°C
SS32B/SS36B
SS38B~SS320
0B
0.6
1.2
1.8
2.4
3.0
3.5
0.0
25
50
75
100
125
150
Fig.1 Forward Current Derating Curve
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
Case Temperature (
°C)
Fig.4 Typical Junction Capacitance
Reverse Voltage (V)
10
0.1
10
100
500
20
100
1
1000
TJ=25°C
200
SS32B~SS36B
SS38B~SS320
0B
90
8.3 ms Single Half Sine Wave
(JEDEC Method)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com