Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS845C Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SS845C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SS845C Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SS845C Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS845C Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS845C Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev:2019A0
Page :2
Typical Characterisitics
The curve above is for reference only.
https://www.microdiode.com
SS82C THRU SS810C
Reverse Voltage - 20 to 100 Volts Forward Current - 8.0 Ampere
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
TJ=25°C
TJ=100°C
Percent of Rated Peak Reverse Voltage
(%)
100
10 0
101
10 2
10 3
10 4
TJ=75°C
Fig.4 Typical Junction Capacitance
Reverse Voltage (V)
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
Fig.1 Forward Current Derating Curve
1.6
3.2
4.8
6.4
8.0
9.6
0.0
25
50
75
100
125
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surge Current
10
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
50
00
0.1
0
0.5
1
10
1.0
1.5
2.0
20
SS82C
SS84C
SS86C/SS88C
SS810C
10
0.1
10
100
500
20
100
1
1000
TJ=25°C
SS82C/SS84C
S
SS86C/SS810C
125
180
Case Temperature (
°C)
150
25
75
150
100
175



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com