Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA6331HA2EB-T Datasheet(PDF) 20 Page - Microchip Technology

Part # DSA6331HA2EB-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6331HA2EB-T Datasheet(HTML) 20 Page - Microchip Technology

Back Button DSA6331HA2EB-T Datasheet HTML 16Page - Microchip Technology DSA6331HA2EB-T Datasheet HTML 17Page - Microchip Technology DSA6331HA2EB-T Datasheet HTML 18Page - Microchip Technology DSA6331HA2EB-T Datasheet HTML 19Page - Microchip Technology DSA6331HA2EB-T Datasheet HTML 20Page - Microchip Technology DSA6331HA2EB-T Datasheet HTML 21Page - Microchip Technology DSA6331HA2EB-T Datasheet HTML 22Page - Microchip Technology DSA6331HA2EB-T Datasheet HTML 23Page - Microchip Technology DSA6331HA2EB-T Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Contact Pitch
MILLIMETERS
1.65 BSC
MIN
E
MAX
Space Between Contacts (X4)
Contact Pad Length (X6)
G1
Y0.80
Microchip Technology Drawing C04-3202A
NOM
4-Lead Very Thin Land Grid Array (AUA) - 2.5x2.0 mm Body [VLGA]
SILK SCREEN
12
4
X
Contact Width (X4)
Space Between Contacts (X3)
G2
0.45
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
X
Y
G2
C
E
(CH)
C
Contact Spacing
1.25
0.70
0.95
Contact 1 Index Chamfer
CH
0.13 X 45° REF
G1
DSA63XX
DS20006189A-page 20
 2019 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com