Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1751189 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751189
Description  PCB terminal block - SPTA 1,5/ 4-5,08
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751189 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751189 Datasheet HTML 1Page - PHOENIX CONTACT 1751189 Datasheet HTML 2Page - PHOENIX CONTACT 1751189 Datasheet HTML 3Page - PHOENIX CONTACT 1751189 Datasheet HTML 4Page - PHOENIX CONTACT 1751189 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1751189
03/27/2014   Page 1 / 5
PCB terminal block - SPTA 1,5/ 4-5,08 - 1751189
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PCB terminal block, Nominal current: 9 A, Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 4,
Connection method: Spring-cage connection, Mounting: Soldering, Conductor/PCB connection direction: 45 °,
Color: green
The illustration shows the 10-position
version
Product Features
 Generously dimensioned labeling and printing area
 Easy operation when releasing the conductor via the orange actuating lever
 User-friendly and quick conductor connection using Push-in direct plug-in technology
 Classic desk shape with double pinning for additional operational safety
 Large cable funnels for safely accommodating conductors up to 1.5 mm²
 Different pitches can be combined depending on product range
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
2.9 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
15.24 mm
Pin dimensions
0,6 x 1,0 mm
Pin spacing
7 mm
Hole diameter
1.1 mm
General


Similar Part No. - 1751189

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751183 PHOENIX-1751183 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/11-3,5
More results

Similar Description - 1751189

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1744442 PHOENIX-1744442 Datasheet
102Kb / 5P
PCB terminal block - SPTA 1,5/ 3-5,08
1751163 PHOENIX-1751163 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 2-5,08
1751215 PHOENIX-1751215 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 7-5,08
1751231 PHOENIX-1751231 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 9-5,08
1751244 PHOENIX-1751244 Datasheet
102Kb / 5P
PCB terminal block - SPTA 1,5/10-5,08
1751257 PHOENIX-1751257 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/11-5,08
1751464 PHOENIX-1751464 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/12-5,08
1071204 PHOENIX-1071204 Datasheet
356Kb / 11P
PCB terminal block - SPTA-THR 1,5/ 4-5,08 R44
Jan 10, 2023
1751202 PHOENIX-1751202 Datasheet
444Kb / 11P
PCB terminal block - SPTA 1,5/ 6-5,08
1071199 PHOENIX-1071199 Datasheet
357Kb / 11P
SPTA-THR 1,5/ 2-5,08 R32 - PCB terminal block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com