Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1751464 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1751464
Description  PCB terminal block - SPTA 1,5/12-5,08
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751464 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1751464 Datasheet HTML 1Page - PHOENIX CONTACT 1751464 Datasheet HTML 2Page - PHOENIX CONTACT 1751464 Datasheet HTML 3Page - PHOENIX CONTACT 1751464 Datasheet HTML 4Page - PHOENIX CONTACT 1751464 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1751464
03/27/2014   Page 2 / 5
PCB terminal block - SPTA 1,5/12-5,08 - 1751464
Technical data
General
Range of articles
SPTA 1,5/
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
9 A
Nominal cross section
1.5 mm²
Maximum load current
9 A
Insulating material
PA
Solder pin surface
Sn
Inflammability class according to UL 94
V0
Stripping length
10 mm
Number of positions
12
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 1.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
1.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
16
Minimum AWG according to UL/CUL
26
Maximum AWG according to UL/CUL
16
Classifications
eCl@ss
eCl@ss 4.0
27141109
eCl@ss 4.1
27141109
eCl@ss 5.0
27141190



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com