Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1757549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757549
Description  PCB terminal block - SMKDSP 1,5/16
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757549 Datasheet HTML 1Page - PHOENIX CONTACT 1757549 Datasheet HTML 2Page - PHOENIX CONTACT 1757549 Datasheet HTML 3Page - PHOENIX CONTACT 1757549 Datasheet HTML 4Page - PHOENIX CONTACT 1757549 Datasheet HTML 5Page - PHOENIX CONTACT 1757549 Datasheet HTML 6Page - PHOENIX CONTACT 1757549 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1757549
01/10/2020   Page 1 / 7
PCB terminal block - SMKDSP 1,5/16 - 1757549
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, Nominal cross section: 1.5 mm²,
pitch: 5 mm, number of positions: 16, connection method: Screw connection with tension sleeve, mounting:
Wave soldering, conductor/PCB connection direction: 55 °, color: green, Pin layout: Linear pinning, Solder pin
[P]: 3.5 mm. The article can be aligned to create different nos. of positions!
The figure shows a 10-position
version of the product
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Allows connection of two conductors
 Angled connection enables multi-row arrangement on the PCB
 Quick and convenient testing using integrated test option
 The latching on the side enables various numbers of positions to be combined
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356341042
Technical data
Item properties
Brief article description
PCB terminal block
Range of articles
SMKDSP 1,5
Pitch
5 mm
Number of positions
16
Connection method
Screw connection with tension sleeve
Drive form screw head
Slotted (L)
Screw thread
M3
Mounting type
Wave soldering
Pin layout
Linear pinning


Similar Part No. - 1757549

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
175754 FESTO-175754 Datasheet
96Kb / 1P
Compact air cylinder
logo
PHOENIX CONTACT
1757543 PHOENIX-1757543 Datasheet
95Kb / 3P
Header with side panels, plug-in direction parallel to the p.c.b.
1757543 PHOENIX-1757543 Datasheet
142Kb / 6P
MSTB 2,5/10-ST
1757543 PHOENIX-1757543 Datasheet
171Kb / 6P
MVSTBR 2,5/10-ST
1757543 PHOENIX-1757543 Datasheet
151Kb / 6P
MVSTBW 2,5/10-ST
More results

Similar Description - 1757549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1718168 PHOENIX-1718168 Datasheet
108Kb / 5P
PCB terminal block - SMKDSP 1,5/16-5,08
1733431 PHOENIX-1733431 Datasheet
88Kb / 6P
PCB terminal block - SMKDSP 1,5/ 4
1733444 PHOENIX-1733444 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/ 5
1733457 PHOENIX-1733457 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/ 6
1733460 PHOENIX-1733460 Datasheet
88Kb / 6P
PCB terminal block - SMKDSP 1,5/ 7
1733473 PHOENIX-1733473 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/ 8
1733486 PHOENIX-1733486 Datasheet
88Kb / 6P
PCB terminal block - SMKDSP 1,5/ 9
1733499 PHOENIX-1733499 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/10
1733512 PHOENIX-1733512 Datasheet
87Kb / 6P
PCB terminal block - SMKDSP 1,5/12
1757536 PHOENIX-1757536 Datasheet
56Kb / 4P
PCB terminal block - SMKDSP 1,5/14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com