Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804468 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804468
Description  KDSP 4
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804468 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804468 Datasheet HTML 1Page - PHOENIX CONTACT 0804468 Datasheet HTML 2Page - PHOENIX CONTACT 0804468 Datasheet HTML 3Page - PHOENIX CONTACT 0804468 Datasheet HTML 4Page - PHOENIX CONTACT 0804468 Datasheet HTML 5Page - PHOENIX CONTACT 0804468 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Mar 4, 2010
Extract from the online
catalog
 
KDSP 4
Order No.: 1780536
The figure shows a 1-pos. version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1780536
 
 
PC terminal block, Nominal current: 41 A, Nom. voltage: 320 V,
Pitch: 7.5 mm, Number of positions: 1, Type of connection: Screw
connection, Assembly: Soldering, Conductor/PCB connection
direction: 0 °, Color: green, The article can be aligned to create
different nos. of positions!
 
Commercial data
EAN
4017918040925
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.005338 KG
Catalog page information
Page 95 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
20.6 mm
Pitch
7.5 mm
Number of positions
1


Similar Part No. - 0804468

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804468 PHOENIX-0804468 Datasheet
159Kb / 6P
GMKDSP 3/ 2
0804468 PHOENIX-0804468 Datasheet
138Kb / 6P
GMKDSP 3/ 3
0804468 PHOENIX-0804468 Datasheet
140Kb / 6P
KDS 4
0804468-0001 PHOENIX-0804468-0001 Datasheet
45Kb / 2P
Marker for terminal blocks - SK 7,5/5:FORTL.ZAHLEN 1-10
More results

Similar Description - 0804468

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1680940 PHOENIX-1680940 Datasheet
150Kb / 5P
SACB-4/4- 5,0PUR
1681004 PHOENIX-1681004 Datasheet
167Kb / 6P
SACB-4/ 4-SC
3001569 PHOENIX-3001569 Datasheet
68Kb / 2P
FBRN 4-4 N
3024834 PHOENIX-3024834 Datasheet
58Kb / 2P
FBSTB 4-4
3030132 PHOENIX-3030132 Datasheet
63Kb / 2P
FBS 4-4
1780895 PHOENIX-1780895 Datasheet
116Kb / 6P
PCB terminal block - KDSP 1,5/ 3
1780905 PHOENIX-1780905 Datasheet
167Kb / 5P
KDSP 1,5/ 2
3060144 PHOENIX-3060144 Datasheet
94Kb / 5P
UP 4/ 4
3045839 PHOENIX-3045839 Datasheet
254Kb / 13P
Plug - UPBV 4/ 4
02/04/2022
1714029 PHOENIX-1714029 Datasheet
214Kb / 7P
KDSP 4/ 1 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com