Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC555 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC555
Description  This document provides an overview of the MPC555 microcontroller, including a block diagram showing the major modular components and sections that lis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC555 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC555 Datasheet HTML 1Page - Motorola, Inc MPC555 Datasheet HTML 2Page - Motorola, Inc MPC555 Datasheet HTML 3Page - Motorola, Inc MPC555 Datasheet HTML 4Page - Motorola, Inc MPC555 Datasheet HTML 5Page - Motorola, Inc MPC555 Datasheet HTML 6Page - Motorola, Inc MPC555 Datasheet HTML 7Page - Motorola, Inc MPC555 Datasheet HTML 8Page - Motorola, Inc MPC555 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOTOROLA
MPC555 Product Brief
5
Key Features
1.2.10 Two CAN 2.0B Controller Modules (TouCAN)
Each TouCAN provides these features:
•
Full implementation of CAN protocol specification, version 2.0A and 2.0B
•
Each module has 16 receive/transmit message buffers of 0 to 8 bytes data length
•
Global mask register for message buffers 0 to 13
•
Independent mask registers for message buffers 14 and 15
•
Programmable transmit-first scheme: lowest ID or lowest buffer number
•
16-bit free-running timer for message time-stamping
•
Low power sleep mode with programmable wake-up on bus activity
•
Programmable I/O modes
•
Maskable interrupts
•
Independent of the transmission medium (external transceiver is assumed)
•
Open network architecture
•
Multimaster concept
•
High immunity to EMI
•
Short latency time for high-priority messages
•
Low power sleep mode with programmable wakeup on bus activity
1.2.11 Queued Serial Multi-Channel Module (QSMCM)
•
Queued serial peripheral interface (QSPI)
— Provides full-duplex communication port for peripheral expansion or interprocessor
communication
— Up to 32 preprogrammed transfers, reducing overhead
— 160-byte queue buffer
— Programmable transfer length: from 8 to 16 bits, inclusive
— Synchronous interface with baud rate of up to system clock divided by 4
— Four programmable peripheral-select pins support up to 16 devices
— Wrap-around mode allows continuous sampling for efficient interfacing to serial peripherals
(e.g., – serial A/D converters, I/O latches, etc.)
•
Two serial communications interfaces (SCI). Each SCI offers these features:
— UART mode provides NRZ format and half-or full-duplex interface
— 16 register receive buffer and 16 register transmit buffer (SCI1 only)
— Advanced error detection and optional parity generation and detection
— Word length programmable as 8 or 9 bits
— Separate transmitter and receiver enable bits and double buffering of data
— Wakeup functions allow the CPU to run uninterrupted until either a true idle line is detected or
a new address byte is received
— External source clock for baud generation
— Multiplexing of transmit data pins with discrete outputs and receive data pins with discrete
inputs, allowing realization of a low-speed serial protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com