Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC555LFMZP40 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC555LFMZP40
Description  This document provides an overview of the MPC555 microcontroller, including a block diagram showing the major modular components and sections that lis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC555LFMZP40 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC555LFMZP40 Datasheet HTML 1Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 2Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 3Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 4Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 5Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 6Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 7Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 8Page - Motorola, Inc MPC555LFMZP40 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOTOROLA
MPC555 Product Brief
3
Key Features
1.2.2
U-Bus System Interface Unit (USIU)
•
Clock synthesizer
•
Power management
•
Reset controller
•
MPC555 decrementer and time base
•
Real-time clock register
•
Periodic interrupt timer
•
Hardware bus monitor and software watchdog timer
•
Interrupt controller that supports up to eight external and eight internal interrupts
•
IEEE 1149.1 JTAG test access port
•
External bus interface
— 24 address pins, 32 data pins
— Supports multiple master designs
— Four-beat transfer bursts, two-clock minimum bus transactions
— Supports 5V inputs, provides 3.3-V outputs
1.2.3
Flexible Memory Protection Unit
•
Four instruction regions and four data regions
•
4-Kbyte to 16-Mbyte region size support
•
Default attributes available in one global entry
•
Attribute support for speculative accesses
1.2.4
448-Kbyte Flash EEPROM Memory
•
One 256-Kbyte and one 192-Kbyte module
•
Page read mode
•
Block (32-Kbyte) erasable
•
External 4.75-V to 5.25-V program and erase power supply
1.2.5
26-Kbytes of Static RAM
•
One 16-Kbyte and one 10-Kbyte module
•
Fast (one-clock) access
•
Keep-alive power
•
Soft defect detection (SDD)
1.2.6
General-Purpose I/O Support
•
Address (24) and data (32) pins can be used for general-purpose I/O in single-chip mode
•
Nine general-purpose I/O pins in MIOS1 unit
•
Many peripheral pins can be used for general-purpose I/O when not used for primary function
•
5-V tolerant inputs/outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com