Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1232 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # B1232
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

B1232 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  B1232 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(120 x 120 x 32 mm)
4.7 x 4.7 x 1.24 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 24, UL1007 lead wires
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; PWM speed control
B1232 series
.80
.60
.50
.40
.20
.10
0
51015202530
AIR FLOW (CFM)
.30
.70
35
L
M
H
(120
1.97 ±0.01 2.44 ±0.01
4.72 ±0.02
±0.5)
(50 ±0.1)
(62 ±0.2)
3.13 ±0.02
(79.5 ±0.5)
3x
(Ø 4.5 ±0.3)
2x (Ø 4.5)
1.26 ±0.02
(32 ±0.5)
0.24
(6)
1.10
(28)
1.97 ±0.004
(50 ±0.1)
3.98 ±0.02
(101 ±0.5)
Model No.
Rated
Voltage
V
Current
mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
12
24
M³/Min.
CFM
MM
INCH
B1232L
12/24
360
180
2,100
0.59
21
8.37
0.33
42
320
B1232M
12/24
550
330
2,400
0.67
24
11.53
0.45
46
320
B1232H
12/24
800
480
2,800
0.80
28
17.24
0.68
49
320
12.11.14


Similar Part No. - B1232

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
B1232-SR MECHATRONICS-B1232-SR Datasheet
374Kb / 1P
UL94V-0 PBT impeller; metal and PBT frame
logo
List of Unclassifed Man...
B1232H ETC2-B1232H Datasheet
368Kb / 1P
DC BLOWERS
B1232H-SR ETC2-B1232H-SR Datasheet
374Kb / 1P
DC BLOWERS
logo
Mechatronics, Inc.
B1232H-SR MECHATRONICS-B1232H-SR Datasheet
374Kb / 1P
UL94V-0 PBT impeller; metal and PBT frame
logo
List of Unclassifed Man...
B1232L ETC2-B1232L Datasheet
368Kb / 1P
DC BLOWERS
More results

Similar Description - B1232

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com