Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG15GT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # UG15GT
Description  15.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

UG15GT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  UG15GT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. UG15GT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unit : inch (mm)
TO-220AC/TO-220-2L
Pb
UG15DT/UG15GT/UG15JT
15.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
Pb Free Plating Product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
UG15DT
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
V
Maximum RMS Voltage
VRMS
140
280
420
V
Maximum DC Blocking Voltage
VDC
200
400
600
V
Maximum Average Forward
Rectified Current
@TA =125℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 15.0A DC
VF
1.50
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
Maximum Reverse Recovery Time(Note1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
℃
/W
Operating and Storage Temperature Range
TJ,TSTG
℃
I(AV)
UNIT
SYMBOL
CHARACTERISTICS
15.0
IFSM
0.95
1.25
250
A
5.0
A
35-50
IR
μA
NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
50
1.5
80
3.Thermal resistance junction to ambient
-55 to + 150
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
UG15GT
UG15JT
Features
Low forward voltage drop
High current capability
Case: Heatsink TO-220-2L/TO-220AC
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS,Motor Control and UPS
Car Audio Amplifiers and Sound Device Systems
Latest P/G technology with ultra fast recovery time
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.10T
UG15DT thru UG15JT
Internal Configuration
Base Backside


Similar Part No. - UG15GT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UG1501 ZSELEC-UG1501 Datasheet
89Kb / 2P
1.5A GLASS PASSIVATED ULTRAFAST DIODE
UG1502 ZSELEC-UG1502 Datasheet
89Kb / 2P
1.5A GLASS PASSIVATED ULTRAFAST DIODE
UG1503 ZSELEC-UG1503 Datasheet
89Kb / 2P
1.5A GLASS PASSIVATED ULTRAFAST DIODE
UG1504 ZSELEC-UG1504 Datasheet
89Kb / 2P
1.5A GLASS PASSIVATED ULTRAFAST DIODE
UG1505 ZSELEC-UG1505 Datasheet
89Kb / 2P
1.5A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UG15GT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1620G THINKISEMI-MUR1620G Datasheet
715Kb / 2P
16.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
MUR1520G THINKISEMI-MUR1520G Datasheet
727Kb / 2P
15.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
U1520 THINKISEMI-U1520 Datasheet
717Kb / 2P
15.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
MUR1020A THINKISEMI-MUR1020A Datasheet
641Kb / 2P
10.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
MUR1620CTR-CT THINKISEMI-MUR1620CTR-CT Datasheet
263Kb / 2P
16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
UGB15DT THINKISEMI-UGB15DT Datasheet
838Kb / 2P
15.0 Ampere Surface Mount Single Ultra Fast Recovery Rectifier Diodes
UGF15DT THINKISEMI-UGF15DT Datasheet
776Kb / 2P
15.0 Ampere Insulated Single Ultra Fast Recovery Rectifier Diodes
2CR082 THINKISEMI-2CR082 Datasheet
270Kb / 2P
8.0 Ampere Heatsink Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
2CR102 THINKISEMI-2CR102 Datasheet
268Kb / 2P
10.0 Ampere Heatsink Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
2CR20K20 THINKISEMI-2CR20K20 Datasheet
275Kb / 2P
20.0 Ampere Heatsink Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com