Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF15GT Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # UGF15GT
Description  15.0 Ampere Insulated Single Ultra Fast Recovery Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

UGF15GT Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  UGF15GT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. UGF15GT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE ℃
FIG.1- TYPICAL FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF
WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
20
250
15
8
4
0
12
125
0
FIG.3-MAXIMUM NON-REPETITVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
200
100
0
100
50
20
5
5
2
1
10
8.3 ms Single Half-Sine-Wave
(JEDEC METOD)
REVERSE VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
4
1
2
10
20
40
0.1
0.4
0.2
100
2
10
4
1
40
200
20
100
TJ=25°C
PERCENT OF RATED PEAK
REVERSE VOLTAGE(%)
FIG.2-TYPICAL REVERSE
CHARACTERISTICS
1.0
10
0.1
40
60
80
100 120 140
20
1000
100
TJ=25°C
TJ=125°C
0.2
1.0
0.1
10
40
1.0
1.2
1.4
1.6
1.8
2.0
0.8
0.6
20
4
2
0.4
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.4-TYPICAL INSTANTAEOUS
FORWARD CHARACTERISTICS
TJ=25°C
PULSE WIDTH 300uS
1% DUTY CYCLE
UGF15DT
UGF15JT
UGF15GT
RATING AND CHARACTERTIC CURVES (UGF15DT/UGF15GT/UGF15JT)
250
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 2/2
Rev.10T
UGF15DT thru UGF15JT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com