Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B6012 Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # B6012
Description  UL94V-0 PBT impeller, metal and PBT frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

B6012 Datasheet(HTML) 1 Page - Mechatronics, Inc.

  B6012 Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
NOT IN CATALOG
- THIS AND BELOW -
6.25.19
B6012 series
(60 x 60 x 12 mm)
2.36 x 2.36 x 0.47 inches
Features:
compact size exhaust blower
Construction:
UL94V-0 PBT impeller, metal and
PBT frame
Bearing option: ball bearing
Connection:
lead wires
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
5
12
24
M³/Min.
CFM
MM
INCH
B6012M
*
5/12/24
350
200
120
3,600
0.14
5
7.80
0.30
34
26
0
0.03
0.06
0.09
0.12
0.15
AIR FLOW M³/MIN
3.0
4.5
6.0
7.5
8.0
1.5
H
2.36 ±0.02
(60 ±0.5)
1.79 ±0.02
(45.4 ±0.5)
0.47 ±0.01
(12 ±0.3)
ø0.13 ±0.01
(ø3.2 ±0.3)
ø0.13 ±0.01
(ø3.2 ±0.3)
R0.14
(R0.36)
R0.14
(R0.36)
Size: (60 x 60 x 12mm)
2.36 x 2.36 x 0.47 inches
Features:
compact side exhaust blower
Construction:
UL94V-0 PBT impeller, Metal and
PBT frame
Bearing option:
ball bearing
Connection:
lead wires
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal
*This speed not UL recognized


Similar Part No. - B6012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B6012M ETC2-B6012M Datasheet
367Kb / 1P
DC BLOWERS
More results

Similar Description - B6012

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
B1232-SR MECHATRONICS-B1232-SR Datasheet
374Kb / 1P
UL94V-0 PBT impeller; metal and PBT frame
B5020 MECHATRONICS-B5020 Datasheet
485Kb / 1P
UL94V-0 PBT impeller and frame
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com