Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195C Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 111Page - STMicroelectronics ST92195C Datasheet HTML 112Page - STMicroelectronics ST92195C Datasheet HTML 113Page - STMicroelectronics ST92195C Datasheet HTML 114Page - STMicroelectronics ST92195C Datasheet HTML 115Page - STMicroelectronics ST92195C Datasheet HTML 116Page - STMicroelectronics ST92195C Datasheet HTML 117Page - STMicroelectronics ST92195C Datasheet HTML 118Page - STMicroelectronics ST92195C Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 249 page
background image
115/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.6 Display Memory Mapping Examples
The display content is stored in TDSRAM, (2 to 8K
bytes starting at address 8000h). Use register
TDPR R252 (FCh) Page 32 to address the memo-
ry blocks containing the display data. Two 4-bit ad-
dress pointers (bits PG and HS) must be given that
point to separate blocks containing the display
page and the header/status rows.
Alternatively, the PG and HS pointers can be writ-
ten to the TDPPR R246 Page 33 and TDHSPR
R247 Page 33 registers.
7.4.6.1 Building a Serial Mode Full Page 40-
Char Display
Page Location:
The 1 Kbyte block of page content is stored in the
TDSRAM location pointed to by the PG3..PG0
bits.
Header & Status Rows Location:
The 0.5 Kbyte block containing the Header, Status
Row 0 and Status Row 1 is pointed to by the
HS3..HS0 bits.
Row Scrolling Buffer Location:
The scrolling buffer corresponds to the 40 bytes
following the Row 23 when the scrolling feature is
used.
Figure 69. Serial Mode (40 Characters) - Page Mapping
Figure 70. Serial Mode (40 Characters) - Header and Status Mapping
1K TDSRAM
Row 1
Row 23
Scrolling Buffer
Free Space
Resolution 1K bytes
Block
Number(1K)
TDSRAM
Address (hex)
TDPR
Value (hex)
PG3..PG0
0
8000
0
1
8400
2
2
8800
4
3
8C00
6
4
9000
8
5
9400
A
6
9800
C
7
9C00
E
6K
2K
8K
0.5K TDSRAM
Header
Status Row 0
Free Space
Resolution 0.5K bytes
Block Number
(0.5K)
TDSRAM
Address (hex.)
TDPR Value
(Hex.) HS3..HS0
0
8000
0
1
8200
1
2
8400
2
3
8600
3
4
8800
4
5
8A00
5
6
8C00
6
7
8E00
7
8
9000
8
9
9200
9
10
9400
A
11
9600
B
12
9800
C
13
9A00
D
14
9C00
E
15
9E00
F
Status Row 1
6K
2K
8K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com