Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195C Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 112Page - STMicroelectronics ST92195C Datasheet HTML 113Page - STMicroelectronics ST92195C Datasheet HTML 114Page - STMicroelectronics ST92195C Datasheet HTML 115Page - STMicroelectronics ST92195C Datasheet HTML 116Page - STMicroelectronics ST92195C Datasheet HTML 117Page - STMicroelectronics ST92195C Datasheet HTML 118Page - STMicroelectronics ST92195C Datasheet HTML 119Page - STMicroelectronics ST92195C Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 249 page
background image
116/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.6.2 Building a Parallel Mode, 40-Char, Full
Page Display
Page Location
The pair of adjacent 1 Kbyte blocks of page con-
tent is stored in the TDSRAM location pointed to
by the PG3..PG0 bits. The first block contains the
characters, the second block contains the attribute
bytes.
Header & Status Rows Location
The 0.5 Kbyte block containing the Header, Status
Row 0 and Status Row 1 is pointed to by the
HS3..HS0 bits. The Header/Status attributes are
stored in this block at offset 80h.
Row Scrolling Buffer Location
The scrolling buffer corresponds to the 40 bytes
following Row 23 when the scrolling feature is
used.
Figure 71. Parallel Mode (40 Characters) - Page Mapping
Figure 72. Parallel Mode (40 Characters) - Header and Status Mapping
1K TDSRAM
Row 1 Char.
Row 23 Char.
Scrolling Buffer
Free Space
Resolution 2K bytes
Block
Number
(2K)
TDSRAM
Address (hex)
Char.
TDSRAM
Address (hex)
Attr.
TDPR
Value (hex)
PG3..PG0
0
8000
8400
0
1
8800
8C00
4
2
9000
9400
8
3
9800
9C00
C
1K TDSRAM
Row 1 Attr.
Row 23 Attr.
Scrolling Buffer
Free Space
6K
2K
8K
Block
Number (0.5K)
TDSRAM
Address (hex)
TDPR
Value (hex)
HS3..HS0
0
8000
0
1
8200
1
2
8400
2
3
8600
3
4
8800
4
5
8A00
5
6
8C00
6
7
8E00
7
8
9000
8
9
9200
9
10
9400
A
11
9600
B
12
9800
C
13
9A00
D
14
9C00
E
0.5K TDSRAM
Header Char.
Resolution 0.5K bytes
Status Row 0 Char.
Status Row 1 Char.
Free Space
Header Attr.
Status Row 0 Attr.
Status Row 1 Attr.
Free Space
80h
6K
2K
8K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com