Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1225L Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # G1225L
Description  UL94V-0 PBT impeller & frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

G1225L Datasheet(HTML) 1 Page - Mechatronics, Inc.

  G1225L Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(120 x120 x 25 mm)
4.72 x4.72 x 0.98 inches
Construction:
UL94V-0 PBT impeller & frame
Bearing option: ball bearing
Connection:
AWG 24, UL1007 lead wires
Frame:
flanged
Protection:
thermal
Options:
tachometer output or locked rotor
alarm signal; thermistor control;
encapsulated motor; PWM speed
control
.30
.25
.20
.10
.05
0
20
40
60
80
120
.15
100
S
L
M
H
E
AIR FLOW (CFM)
G1225 series
LOW NOISE
0.2
(5)
(5)
0.2
0.98 ±0.02
(25 ±0.5)
4.72 ±0.02
(120 ±0.5)
4.13 ±0.02
(105 ±0.5)
4 x Ø 0.18 ±0.01
(Ø 4.5 ±0.3)
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
5
12
24
M³/Min.
CFM
MM
INCH
G1225S
5/12/24
400
130
70
1,500
1.52
54
1.90
0.07
26
197
G1225L
5/12/24
620
230
120
1,800
1.87
66
2.60
0.10
29
197
G1225M
12/24
-
350
190
2,100
2.20
78
3.70
0.15
33
197
G1225H
12/24
-
480
270
2,400
2.46
87
4.50
0.18
38
197
G1225E
12/24
-
720
380
2,700
2.79
99
5.50
0.22
42
197
12.15.14


Similar Part No. - G1225L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1225L ETC2-G1225L Datasheet
375Kb / 1P
DC AXIAL FANS
More results

Similar Description - G1225L

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
E1225 MECHATRONICS-E1225 Datasheet
381Kb / 1P
UL94V-0 PBT impeller & frame
G4010 MECHATRONICS-G4010 Datasheet
448Kb / 1P
UL94V-0 PBT impeller & frame
G4020 MECHATRONICS-G4020 Datasheet
432Kb / 1P
UL94V-0 PBT impeller & frame
G6015-G MECHATRONICS-G6015-G Datasheet
507Kb / 1P
UL94V-0 PBT impeller & frame
G8015-G MECHATRONICS-G8015-G Datasheet
366Kb / 1P
UL94V-0 PBT impeller & frame
G8020 MECHATRONICS-G8020 Datasheet
370Kb / 1P
UL94V-0 PBT impeller & frame
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
MD4028 MECHATRONICS-MD4028 Datasheet
429Kb / 1P
UL94V-0 PBT impeller & frame
MQ6038 MECHATRONICS-MQ6038 Datasheet
433Kb / 1P
UL94V-0 PBT impeller & frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com