Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5083P Datasheet(PDF) 4 Page - Intersil Corporation

Part # X5083P
Description  CPU Supervisor with 9Kbit SPI EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5083P Datasheet(HTML) 4 Page - Intersil Corporation

  X5083P Datasheet HTML 1Page - Intersil Corporation X5083P Datasheet HTML 2Page - Intersil Corporation X5083P Datasheet HTML 3Page - Intersil Corporation X5083P Datasheet HTML 4Page - Intersil Corporation X5083P Datasheet HTML 5Page - Intersil Corporation X5083P Datasheet HTML 6Page - Intersil Corporation X5083P Datasheet HTML 7Page - Intersil Corporation X5083P Datasheet HTML 8Page - Intersil Corporation X5083P Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8127.2
September 16, 2005
Pin Description
Principles of Operation
Power-on Reset
Application of power to the X5083 activates a power-on
reset circuit. This circuit goes LOW at 1V and pulls the
RESET pin active. This signal prevents the system
microprocessor from starting to operate with insufficient
voltage or prior to stabilization of the oscillator. RESET
active also blocks communication to the device through the
SPI interface. When VCC exceeds the device VTRIP value for
200ms (nominal) the circuit releases RESET, allowing the
processor to begin executing code. While VCC < VTRIP
communications to the device are inhibited.
Low Voltage Monitoring
During operation, the X5083 monitors the VCC level and
asserts RESET if supply voltage falls below a preset
minimum VTRIP. The RESET signal prevents the
microprocessor from operating in a power fail or brownout
condition and terminates any SPI communication in
progress. The RESET signal remains active until the voltage
drops below 1V. It also remains active until VCC returns and
exceeds VTRIP for 200ms.
When VCC falls below VTRIP, any communications in
progress are terminated and communications are inhibited
until VCC exceeds VTRIP for tPURST.
Watchdog Timer
The watchdog timer circuit monitors the microprocessor activity
by monitoring the WDI input. The microprocessor must toggle
the CS/WDI pin periodically to prevent a RESET signal. The
CS/WDI pin must be toggled from HIGH to LOW prior to the
expiration of the watchdog time out period. The state of two
nonvolatile control bits in the status register determine the
watchdog timer period. The microprocessor can change these
watchdog bits with no action taken by the microprocessor
these bits remain unchanged, even after total power failure.
VCC Threshold Reset Procedure
The X5083 is shipped with a standard VCC threshold (VTRIP)
voltage. This value will not change over normal operating
and storage conditions. However, in applications where the
standard VTRIP is not exactly right, or if higher precision is
needed in the VTRIP value, the X5083 threshold may be
adjusted. The procedure is described below, and uses the
application of a high voltage control signal.
Setting the VTRIP Voltage
This procedure is used to set the VTRIP to a higher voltage
value. For example, if the current VTRIP is 4.4V and the new
VTRIP is 4.6V, this procedure will directly make the change. If
the new setting is to be lower than the current setting, then it
is necessary to reset the trip point before setting the new
value.
PIN
(SOIC/
PDIP)
PIN
TSSOP
NAME
FUNCTION
13
CS/WDI Chip Select Input. CS HIGH, deselects the device and the SO output pin is at a high impedance state. Unless
a nonvolatile write cycle is underway, the device will be in the standby power mode. CS LOW enables the
device, placing it in the active power mode. Prior to the start of any operation after power-up, a HIGH to LOW
transition on CS is required.
Watchdog Input. A HIGH to LOW transition on the WDI pin restarts the Watchdog timer. The absence of a
HIGH to LOW transition within the watchdog time out period results in RESET going active.
24
SO
Serial Output. SO is a push/pull serial data output pin. A read cycle shifts data out on this pin. The falling edge of the
serial clock (SCK) clocks the data out.
57
SI
Serial Input. SI is a serial data input pin. Input all opcodes, byte addresses, and memory data on this pin. The rising
edge of the serial clock (SCK) latches the input data. Send all opcodes (Table 1), addresses and data MSB first.
68
SCK
Serial Clock. The Serial Clock controls the serial bus timing for data input and output. The rising edge of SCK latches
in the opcode, address, or data bits present on the SI pin. The falling edge of SCK changes the data output on the SO
pin.
35
WP
Write Protect. When WP is LOW, nonvolatile write operations to the memory are prohibited. This “Locks” the
memory to protect it against inadvertent changes when WP is HIGH, the device operates normally.
46
VSS
Ground
82
VCC
Supply Voltage
7
1
RESET
Reset Output. RESET is an active LOW, open drain output which goes active whenever VCC falls below the
minimum VCC sense level. It will remain active until VCC rises above the minimum VCC sense level for 250ms.
RESET goes active if the watchdog timer is enabled and CS remains either HIGH or LOW longer than the
selectable watchdog time out period. A falling edge of CS will reset the watchdog timer. RESET goes active on
power-up at about 1V and remains active for 250ms after the power supply stabilizes.
X5083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com