Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPH92B99-L Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # LPH92B99-L
Description  plastic frame and impeller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

LPH92B99-L Datasheet(HTML) 1 Page - Mechatronics, Inc.

  LPH92B99-L Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(92 x 92 x 25 mm)
3.62 x 3.62 x1.00 inches
Operating voltage: 85 to 265 VAC
Construction:
plastic frame and impeller
Bearing option:
ball bearing
Motor:
electronically commutated
Air flow:
exhaust over struts
Connection:
lead wire UL1007 24AWG
or terminal
Protection/IP Level: auto restart / IP54
Options:
tachometer, PWM,
environmental protection
0
10
20
40
30
50
60
AIR FLOW CFM
0.15
0.20
0.25
0.30
0.10
0.05
L
M
H
LPH92B99 series
12.30.19
NOT IN CATALOG
- THIS AND BELOW -
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
M³/Min. CFM
MM
INCH
LPH92B99-L
* 100-240 50/60
1.9
0.04
2500
1.1
39
3.3
0.13
34
106
LPH92B99-M
* 100-240 50/60
3.7
0.05
3000
1.3
46
4.6
0.18
38
106
LPH92B99-H
100-240 50/60
6.0
0.06
3500
1.6
56
6.9
0.27
44
106
3.62 ±0.02
(92.00 ±0.50)
3.25 ±0.01
(82.50 ±0.30)
4- ø0.17 ±0.01
(ø4.30 ±0.30)
1.00 ±0.02
(25.5 ±0.5)
*This speed not UL recognized


Similar Part No. - LPH92B99-L

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
LPH92A99 MECHATRONICS-LPH92A99 Datasheet
483Kb / 1P
plastic frame and impeller
LPH92A99-H MECHATRONICS-LPH92A99-H Datasheet
483Kb / 1P
plastic frame and impeller
LPH92A99-L MECHATRONICS-LPH92A99-L Datasheet
483Kb / 1P
plastic frame and impeller
LPH92A99-M MECHATRONICS-LPH92A99-M Datasheet
483Kb / 1P
plastic frame and impeller
More results

Similar Description - LPH92B99-L

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
LPH92A99 MECHATRONICS-LPH92A99 Datasheet
483Kb / 1P
plastic frame and impeller
LPT12A99 MECHATRONICS-LPT12A99 Datasheet
1Mb / 1P
plastic frame and impeller
LPT15P MECHATRONICS-LPT15P Datasheet
1Mb / 1P
metal frame and plastic impeller
LPT60B99 MECHATRONICS-LPT60B99 Datasheet
1Mb / 1P
plastic frame and metal impeller
LPT92A99 MECHATRONICS-LPT92A99 Datasheet
255Kb / 1P
plastic frame and impeller
LPT200BMB MECHATRONICS-LPT200BMB Datasheet
1Mb / 1P
plastic frame and metal impeller
LPT200BPB MECHATRONICS-LPT200BPB Datasheet
1Mb / 1P
plastic frame and plastic impeller
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
UL94V-0 plastic impeller and frame
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
UL94V-0 plastic impeller and frame
MR8025 MECHATRONICS-MR8025 Datasheet
475Kb / 1P
UL94V-0 plastic impeller and frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com