Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA2311KA2-R0009VAO Datasheet(PDF) 1 Page - Microchip Technology

Part # DSA2311KA2-R0009VAO
Description  Crystal-less??Configurable Clock Generator for Automotive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA2311KA2-R0009VAO Datasheet(HTML) 1 Page - Microchip Technology

  DSA2311KA2-R0009VAO Datasheet HTML 1Page - Microchip Technology DSA2311KA2-R0009VAO Datasheet HTML 2Page - Microchip Technology DSA2311KA2-R0009VAO Datasheet HTML 3Page - Microchip Technology DSA2311KA2-R0009VAO Datasheet HTML 4Page - Microchip Technology DSA2311KA2-R0009VAO Datasheet HTML 5Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DSA2311KA2-R0009VAO
Crystal-less™ Configurable Clock Generator
for Automotive
General Description
DSA2311KA2-R0009VAO is a crystal-less clock
generator
that
is
factory
configurable
to
simultaneously output two separate frequencies
from 2.3 to 170MHz.
The clock generator uses proven silicon MEMS
technology to provide low jitter and high frequency
stability across a wide range of supply voltages and
temperatures. By eliminating the external quartz
crystal, crystal-less clock generators significantly
enhance
reliability
and
accelerate
product
development,
while
meeting
stringent
clock
performance criteria for a variety of
consumer
electronics, communications, and storage applications.
DSA2311KA2-R0009VAO
has
an
output
enable/disable feature allowing it to disable the
outputs when OE is low. The device is available in a
space-saving 6-pin 2.5mm x 2.0mm TDFN package
that needs only a single external bypass capacitor.
Features
• AEC-Q100 automotive qualified
• Two simultaneous LVCMOS outputs:
- 25MHz
• Low RMS phase jitter: <1ps (typical)
• ±25ppm frequency stability
• -40°C to +125°C (Grade 1) temperature range
• High supply noise rejection: -50dBc
• High shock & vibration immunity
- Qualified to MIL-STD-883
• High reliability
- 20x higher MTBF than crystal-based clock
generator designs
• Supply range of 2.25 to 3.6V
• 6-pin 2.5mm x 2.0mm TDFN package
Applications
• Automotive Infotainment
• Automotive ADAS
• Automotive Camera Module
• Automotive LIDAR and RADAR
Block Diagram
Control Circuitry
MEMS
PLL
÷ M1
CLK0
÷ M2
CLK1
25MHz LVCMOS
25MHz LVCMOS
OE
ClockWorks is a registered trademark of Microchip Technology Inc.
Microchip Technology Inc.
http://www.microchip.com
March 23, 2018
Revision 1.0
tcg_help@microchip.com
6493


Similar Part No. - DSA2311KA2-R0009VAO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSA2311KA2-R0005TVAO MICROCHIP-DSA2311KA2-R0005TVAO Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator for Automotive
April 09, 2018 Revision 1.0
DSA2311KA2-R0005VAO MICROCHIP-DSA2311KA2-R0005VAO Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator for Automotive
April 09, 2018 Revision 1.0
More results

Similar Description - DSA2311KA2-R0009VAO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSA2311KA2-R0005VAO MICROCHIP-DSA2311KA2-R0005VAO Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator for Automotive
April 09, 2018 Revision 1.0
DSA2311KA2-R0065VAO MICROCHIP-DSA2311KA2-R0065VAO Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator for Automotive
June 27, 2018 Revision 1.0
DSA2311KI1-R0016VAO MICROCHIP-DSA2311KI1-R0016VAO Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator for Automotive
April 16, 2018 Revision 1.0
DSA2311KI2-R0065VAO MICROCHIP-DSA2311KI2-R0065VAO Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator for Automotive
June 27, 2018 Revision 1.0
DSA2311KL1-R0009VAO MICROCHIP-DSA2311KL1-R0009VAO Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator for Automotive
August 10, 2018 Revision 1.0
DSA2311KL2-R0009VAO MICROCHIP-DSA2311KL2-R0009VAO Datasheet
1Mb / 5P
Crystal-less??Configurable Clock Generator for Automotive
April 04, 2018 Revision 1.0
DSC400-0103Q0102 MICROCHIP-DSC400-0103Q0102 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
June 21, 2017 Revision 1.0
DSC400-0202Q0106 MICROCHIP-DSC400-0202Q0106 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
August 23, 2017 Revision 1.0
DSC400-0202Q0109 MICROCHIP-DSC400-0202Q0109 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
August 23, 2017 Revision 1.0
logo
Micrel Semiconductor
DSC400-1111Q0001 MICREL-DSC400-1111Q0001 Datasheet
1,007Kb / 10P
Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com