Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMI6-EC12-DF Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # SMI6-EC12-DF
Description  UL94V-0 plastic impeller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

SMI6-EC12-DF Datasheet(HTML) 1 Page - Mechatronics, Inc.

  SMI6-EC12-DF Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C o o l i n g
S i m p l i fi e d
Tel: 425 -222- 5 90 0
800-453-4569
ww w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 5155
2.21.19
21.54 ±0.2
(547.0 ±5.0)
1.54
(39.0)
Air Flow
Speed control connector
with 5m cable
Rotating Clip
SMI6-EC12-DF series
Frame:
Features:
EC Three Phase Six Pole Motor
Construction:
UL94V-0 plastic impeller
steel
Bearing option:
2 ball bearings
1.5m Cable with Wall Plug
Motor Design:
Lead Wire:
Speed Controller (5m Cord),
noise reducing insulation,
rotating mountain clips,
auto-restart,
soft start,
IPX4
(243 x 243 x 547 mm)
9.57 x 9.57 x 21.54 inches
Model No.
Rated
Voltage
VAC
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Speed
RPM
Air Volume
Max. Sta tic
Pressure (H20)
Sound
Noise
dbA
Wt .
g
M³/Min. CFM
MM
INCH
SMI6-EC12-DF
110
50/60
40
0.55
5,000
9.91
350
51.0
2.01
50
5000
0
10
20
30
40
50
60
Air Flow (CFM)
50 100
200
300
150
250
350


Similar Part No. - SMI6-EC12-DF

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI6-12 CUI-SMI6-12 Datasheet
512Kb / 5P
AC-DC POWER SUPPLY
SMI6-12 CUI-SMI6-12 Datasheet
508Kb / 5P
AC-DC POWER SUPPLY
SMI6-12 CUI-SMI6-12 Datasheet
525Kb / 5P
AC-DC POWER SUPPLY
12/11/2020
SMI6-15 CUI-SMI6-15 Datasheet
512Kb / 5P
AC-DC POWER SUPPLY
SMI6-15 CUI-SMI6-15 Datasheet
508Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - SMI6-EC12-DF

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MI4-EC12-DF MECHATRONICS-MI4-EC12-DF Datasheet
585Kb / 1P
UL94V-0 plastic impeller
MI6-EC12-DF MECHATRONICS-MI6-EC12-DF Datasheet
584Kb / 1P
UL94V-0 plastic impeller
MI8-EC12-DF MECHATRONICS-MI8-EC12-DF Datasheet
583Kb / 1P
UL94V-0 plastic impeller
MI10-EC12-DF MECHATRONICS-MI10-EC12-DF Datasheet
583Kb / 1P
UL94V-0 plastic impeller
MR1225 MECHATRONICS-MR1225 Datasheet
530Kb / 1P
UL94V-0 plastic impeller and frame
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
UL94V-0 plastic impeller and frame
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
UL94V-0 plastic impeller and frame
MR8025 MECHATRONICS-MR8025 Datasheet
475Kb / 1P
UL94V-0 plastic impeller and frame
MR9238 MECHATRONICS-MR9238 Datasheet
492Kb / 1P
UL94V-0 plastic impeller and frame
SMI8-EC12-DF MECHATRONICS-SMI8-EC12-DF Datasheet
572Kb / 1P
UL94V-0 plastic impeller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com