Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF12AM Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # UF12AM
Description  AC AXIAL FANS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

UF12AM Datasheet(HTML) 1 Page - Mechatronics, Inc.

  UF12AM Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
UF12AM series
.20
.15
.10
.05
020406080
120
AIR FLOW (CFM)
.25
100
H
0.16
(4)
Nom. 11.8
(300)
ø0.17
(ø4.3 ±0.2)
1.50±0.02
(38 ±0.5)
4.69±0.02
(120 ±0.5)
4.12±0.01
(104.8±0.3)
TERMINAL TYPE
LEAD WIRE TYPE
ø4.49
(ø114)
0.12
(3)
0.33
(8.5)
0.31
(8)
(120 x 120 x 38 mm)
4.69 x 4.69 x 1.5 inches
Features:
high temp -40°C ~ 90°C
operating temperature range
Operating voltage: 115 or 230 VAC
Construction:
aluminum die cast frame;
metal impeller
Bearing option:
ball bearing with high temp
lubricant
Motor:
shaded pole - Class F insulation
Air Flow:
exhaust over struts
Connection:
terminal or 22 AWG lead wire
Protection:
impedance
Option:
tachometer output
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM
MM
INCH
UF12AM12-_ _H
115
60
13
0.15
0.22
3,100
2.9
103
6.0
0.24
46
0.55
UF12AM23-_ _H
230
60
15
0.09
0.12
3,100
2.9
103
6.0
0.24
46
0.55
11.06.15


Similar Part No. - UF12AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF12AM12-__H ETC2-UF12AM12-__H Datasheet
388Kb / 1P
AC AXIAL FANS
UF12AM23-__H ETC2-UF12AM23-__H Datasheet
388Kb / 1P
AC AXIAL FANS
logo
Mechatronics, Inc.
UF12AMR MECHATRONICS-UF12AMR Datasheet
560Kb / 1P
AC AXIAL FANS
UF12AMR12 MECHATRONICS-UF12AMR12 Datasheet
560Kb / 1P
AC AXIAL FANS
UF12AMR23 MECHATRONICS-UF12AMR23 Datasheet
560Kb / 1P
AC AXIAL FANS
More results

Similar Description - UF12AM

ManufacturerPart #DatasheetDescription
logo
ETRI
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
AC Axial Fans
logo
List of Unclassifed Man...
UF60D12-__H ETC2-UF60D12-__H Datasheet
417Kb / 1P
AC AXIAL FANS
UF92A12-__H ETC2-UF92A12-__H Datasheet
395Kb / 1P
AC AXIAL FANS
UF92AM12-__H ETC2-UF92AM12-__H Datasheet
393Kb / 1P
AC AXIAL FANS
UF250BMB12-H1 ETC2-UF250BMB12-H1 Datasheet
499Kb / 1P
AC AXIAL FANS
logo
ETRI
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
AC Axial Fans
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
AC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com