Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF175AMA Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # UF175AMA
Description  AC IMPELLERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

UF175AMA Datasheet(HTML) 1 Page - Mechatronics, Inc.

  UF175AMA Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM MM
INCH
UF175AMA12-H1C2A
115
50
60
0.55
0.82
2,550
6.5
230
23
0.9
66
1.3
115
60
66
0.55
0.84
2,900
7.5
265
33
1.3
70
1.3
UF175AMA23-H1C2A
230
50
60
0.27
0.41
2,550
6.5
230
23
0.9
66
1.3
230
60
66
0.28
0.42
2,900
7.5
265
33
1.3
70
1.3
(175 dia. x 55 mm)
6.89 dia. x 2.16 inches
Features:
backward curved impeller
Operating voltage: 115 or 230 VAC
Construction:
aluminum die cast motor base;
steel impeller
Bearing option:
ball bearing
Motor:
permanent split capacitor
required capacitor included
Air Flow:
centrifugal
Connection:
22 AWG lead wires
Protection:
thermal
UF175AMA series
2.16 ±0.02
(54.85 ±0.5)
ø2.28
(ø58)
5-M4x0.7
0.1
(2)
0.1
(2)
0
50
AIR FLOW (CFM)
100
150
200
250
300
0.2
0.4
0.6
0.8
1.4
1.0
1.2
1
2
1 = 60 Hz
2 = 50 Hz
03.23.18


Similar Part No. - UF175AMA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UF170 MICROSEMI-UF170 Datasheet
93Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Mechatronics, Inc.
UF17PC MECHATRONICS-UF17PC Datasheet
402Kb / 1P
AC AXIAL FANS
UF17PC12-XXH MECHATRONICS-UF17PC12-XXH Datasheet
402Kb / 1P
AC AXIAL FANS
UF17PC12-XXL MECHATRONICS-UF17PC12-XXL Datasheet
402Kb / 1P
AC AXIAL FANS
logo
List of Unclassifed Man...
UF17PC12-__H ETC2-UF17PC12-__H Datasheet
402Kb / 1P
AC AXIAL FANS
More results

Similar Description - UF175AMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF180(55)APA12-H1C2A ETC2-UF180(55)APA12-H1C2A Datasheet
575Kb / 1P
AC IMPELLERS
UF180BAB12-HC2-A ETC2-UF180BAB12-HC2-A Datasheet
349Kb / 1P
AC IMPELLERS
UF190APA12-H1C2A ETC2-UF190APA12-H1C2A Datasheet
394Kb / 1P
AC IMPELLERS
UF220APA12-H2C2A ETC2-UF220APA12-H2C2A Datasheet
390Kb / 1P
AC IMPELLERS
UF225(85)APA12-H1C2A ETC2-UF225(85)APA12-H1C2A Datasheet
376Kb / 1P
AC IMPELLERS
UF225(69)APA12-H1C2A ETC2-UF225(69)APA12-H1C2A Datasheet
382Kb / 1P
AC IMPELLERS
UF250APA12-H1C2F ETC2-UF250APA12-H1C2F Datasheet
479Kb / 1P
AC IMPELLERS
logo
Mechatronics, Inc.
UF220APA-F MECHATRONICS-UF220APA-F Datasheet
467Kb / 1P
AC IMPELLERS
UF225-99-APA MECHATRONICS-UF225-99-APA Datasheet
391Kb / 1P
AC IMPELLERS
UF400AAA MECHATRONICS-UF400AAA Datasheet
523Kb / 1P
AC IMPELLERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com