| Electronic Components Datasheet Search |
|
X9440 Datasheet(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
X9440 Datasheet(HTML) 2 Page - Intersil Corporation |
|
2 / 21 page ![]() 2 FN8200.0 March 28, 2005 PIN DESCRIPTIONS Host Interface Pins Serial Output (SO) SO is a push/pull serial data output pin. During a read cycle, data is shifted out on this pin. Data is clocked out by the falling edge of the serial clock. Serial Input (SI) SI is the serial data input pin. All opcodes, byte addresses and data to be written to the pots and pot registers are input on this pin. Data is latched by the rising edge of the serial clock. Serial Clock (SCK) The SCK input is used to clock data into and out of the X9440. Chip Select (CS) When CS is HIGH, the X9440 is deselected and the SO pin is at high impedance, and (unless an internal write cycle is underway) the device will be in the standby state. CS LOW enables the X9440, placing it in the active power mode. It should be noted that after a power-up, a HIGH to LOW transition on CS is required prior to the start of any operation. Hold (HOLD) HOLD is used in conjunction with the CS pin to select the device. Once the part is selected and a serial sequence is underway, HOLD may be used to pause the serial communication with the controller without resetting the serial sequence. To pause, HOLD must be brought LOW while SCK is LOW. To resume com- munication, HOLD is brought HIGH, again while SCK is LOW. If the pause feature is not used, HOLD should be held HIGH at all times. Device Address (A0-A1) The address inputs are used to set the least significant 2 bits of the 8-bit slave address. A match in the slave address serial data stream must be made with the Address input in order to initiate communication with the X9440. A maximum of 4 devices may share the same SPI serial bus. Potentiometer Pins VH (VH0-VH3), VL (VL0-VL3) The VH and VL inputs are equivalent to the terminal con- nections on either end of a mechanical potentiometer. VW (VW0-VW1) The wiper output VW is equivalent to the wiper output of a mechanical potentiometer and is connected to the inverting input of the voltage comparator. Comparator and Device Pins Voltage Input VNI0, VNI1 VNI0 and VNI1 are the input voltages to the plus (non- inverting) inputs of the two comparators. Buffered Voltage Outputs VOUT0, VOUT1 VOUT0 and VOUT1 are the buffered voltage comparator outputs controlled by bits in the volatile analog control register. Hardware Write Protect Input WP The WP pin when low prevents non volatile writes to the wiper counter and analog control registers. Analog Supplies V+, V- The Analog Supplies V+, V- are the supply voltages for the XDCP analog section and the voltage comparators. System Supply VCC and Ground VSS The system supply, VCC and its reference VSS is used to bias the interface and control circuits. X9440 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |