Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z610-R1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610-R1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ28Z610-R1 Datasheet HTML 3Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z610-R1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
BQ28Z610-R1
www.ti.com
SLUSE07 – JANUARY 2020
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Coulomb Counter (continued)
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Integral nonlinearity
16-bit, Best fit over input voltage range
±5.2
±22.3
LSB
Offset error
16-bit, Post-calibration
±1.3
±2.6
LSB
Offset error drift
15-bit + sign, Post-calibration
0.04
0.07
LSB/°C
Gain error
15-bit + sign, Over input voltage range
±131
±492
LSB
Gain error drift
15-bit + sign, Over input voltage range
4.3
9.8
LSB/°C
Effective input resistance
2.5
7.12 ADC Digital Filter
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
tCONV
ADCTL[SPEED1, SPEED0] = 0, 0
31.25
ms
ADCTL[SPEED1, SPEED0] = 0, 1
15.63
ADCTL[SPEED1, SPEED0] = 1, 0
7.81
ADCTL[SPEED1, SPEED0] = 1, 1
1.95
Resolution
No missing codes, ADCTL[SPEED1, SPEED0] =
0, 0
16
Bits
Effective resolution
With sign, ADCTL[SPEED1, SPEED0] = 0, 0
14
15
Bits
With sign, ADCTL[SPEED1, SPEED0] = 0, 1
13
14
With sign, ADCTL[SPEED1, SPEED0] = 1, 0
11
12
With sign, ADCTL[SPEED1, SPEED0] = 1, 1
9
10
7.13 ADC Multiplexer
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
K
Scaling factor
VC1–VSS, VC2–VC1
0.1980
0.2000
0.2020
VC2–VSS, PACK–VSS
0.0485
0.050
0.051
VREF1/2
0.490
0.500
0.510
VIN
Input voltage range
VC2–VSS, PACK–VSS
–0.2
20
V
TS1
–0.2
0.8 × VREF1
TS1
–0.2
0.8 × VREG
ILKG
Input leakage current
VC1, VC2 cell balancing off, cell detach detection
off, ADC multiplexer off
1
µA
7.14 Cell Balancing Support
Typical values stated where TA = 25ºC and VCC = 7.2 V, Min/Max values stated where TA = –40ºC to 85ºC and VCC = 2.2 V
to 7.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RCB
Internal cell balance
resistance
RDS(ON) for internal FET switch at 2 V < VDS < 4 V
200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com