Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z610DRZR-R1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZR-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZR-R1 Datasheet(HTML) 2 Page - Texas Instruments

  BQ28Z610DRZR-R1 Datasheet HTML 1Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 2Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 3Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z610DRZR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 2
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings ............................................................ 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 5
7.5
Supply Current .......................................................... 5
7.6
Power Supply Control ............................................... 5
7.7
Low-Voltage General Purpose I/O, TS1 ................... 5
7.8
Power-On Reset (POR) ............................................ 6
7.9
Internal 1.8-V LDO .................................................... 6
7.10
Current Wake Comparator ...................................... 6
7.11
Coulomb Counter .................................................... 6
7.12
ADC Digital Filter .................................................... 7
7.13
ADC Multiplexer ...................................................... 7
7.14
Cell Balancing Support ........................................... 7
7.15
Internal Temperature Sensor .................................. 8
7.16
NTC Thermistor Measurement Support.................. 8
7.17
High-Frequency Oscillator....................................... 8
7.18
Low-Frequency Oscillator ....................................... 8
7.19
Voltage Reference 1 ............................................... 8
7.20
Voltage Reference 2 ............................................... 9
7.21
Instruction Flash...................................................... 9
7.22
Data Flash............................................................... 9
7.23
Current Protection Thresholds ................................ 9
7.24
Current Protection Timing ..................................... 10
7.25
N-CH FET Drive (CHG, DSG)............................... 11
7.26
I2C Interface I/O .................................................... 11
7.27
I2C Interface Timing .............................................. 11
7.28
Typical Characteristics ......................................... 13
8
Detailed Description ............................................ 16
8.1
Overview ................................................................. 16
8.2
Functional Block Diagram ....................................... 16
8.3
Feature Description................................................. 17
8.4
Device Functional Modes........................................ 21
9
Applications and Implementation ...................... 23
9.1
Application Information............................................ 23
9.2
Typical Applications ............................................... 23
10
Power Supply Recommendations ..................... 26
11
Layout................................................................... 26
11.1
Layout Guidelines ................................................. 26
11.2
Layout Example .................................................... 28
12
Device and Documentation Support ................. 29
12.1
Documentation Support ........................................ 29
12.2
Receive Documentation Update Notifications....... 29
12.3
Support Resources ............................................... 29
12.4
Trademarks ........................................................... 29
12.5
Electrostatic Discharge Caution ............................ 29
12.6
Glossary ................................................................ 29
13
Mechanical, Packaging, and Orderable
Information ........................................................... 29
4 Revision History
Date
Revision
Notes
January 2020
*
Initial Release
5 Description (continued)
The BQ28Z610-R1 device provides an array of battery and system safety functions, including overcurrent in
discharge, short circuit in charge, and short circuit in discharge protection for the battery, as well as FET
protection for the N-channel FETs, internal AFE watchdog, and cell balancing. Through firmware, the devices
can provide a larger array of features including protection against overvoltage, undervoltage, overtemperature,
and more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com