Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z610DRZT-R1 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28Z610DRZT-R1
Description  BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z610DRZT-R1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button BQ28Z610DRZT-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z610DRZT-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z610DRZT-R1 Datasheet HTML 26Page - Texas Instruments BQ28Z610DRZT-R1 Datasheet HTML 27Page - Texas Instruments BQ28Z610DRZT-R1 Datasheet HTML 28Page - Texas Instruments BQ28Z610DRZT-R1 Datasheet HTML 29Page - Texas Instruments BQ28Z610DRZT-R1 Datasheet HTML 30Page - Texas Instruments BQ28Z610DRZT-R1 Datasheet HTML 31Page - Texas Instruments BQ28Z610DRZT-R1 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
4
5
6
7
8
11
12
PACK +
PACK–
PBI
VC2
VC1
SRN
SRP
VSS
TS1
SCL
SDA
PACK
3
2
1
9
10
CHG
DSG
Fuse
1 s
2 s
PWPD
13
SCL
SDA
S
S
S
G
D D
D
D
S
S
S
G
D
D
D D
CSD16412Q5A
CSD16412Q5A
Via connects to Power Ground
Via connects between two layers
Differential Input well
matched for accuracy
Power Ground Trace
Power Trace Line
Thermistor
Reverse Polarity
Portection
Input filters
Bus
Communication
Exposed Thermal Pad
28
BQ28Z610-R1
SLUSE07 – JANUARY 2020
www.ti.com
Product Folder Links: BQ28Z610-R1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
11.2 Layout Example
Figure 25. BQ28Z610-R1 Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com