Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AXC2T45 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AXC2T45
Description  SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC2T45 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AXC2T45 Datasheet HTML 4Page - Texas Instruments SN74AXC2T45 Datasheet HTML 5Page - Texas Instruments SN74AXC2T45 Datasheet HTML 6Page - Texas Instruments SN74AXC2T45 Datasheet HTML 7Page - Texas Instruments SN74AXC2T45 Datasheet HTML 8Page - Texas Instruments SN74AXC2T45 Datasheet HTML 9Page - Texas Instruments SN74AXC2T45 Datasheet HTML 10Page - Texas Instruments SN74AXC2T45 Datasheet HTML 11Page - Texas Instruments SN74AXC2T45 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
SN74AXC2T45
SCES880B – AUGUST 2019 – REVISED JANUARY 2020
www.ti.com
8
Product Folder Links: SN74AXC2T45
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
The enable time is a calculated value, derived using the formula shown in the Enable Times section.
6.7 Switching Characteristics, VCCA = 0.8 ± 0.04 V
See Figure 5 and Table 1 for test circuit and loading. See Figure 6, Figure 7, and Figure 8 for measurement waveforms.
PARAMETER
FROM
TO
Test Conditions
B-Port Supply Voltage (VCCB)
UNIT
0.7 ± 0.05 V
0.8 ± 0.04 V
0.9 ± 0.045 V
1.2 ± 0.1 V
1.5 ± 0.1 V
1.8 ± 0.15 V
2.5 ± 0.2 V
3.3 ± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
A
B
-40°C to 85°C
0.5
150
0.5
94
0.5
63
0.5
33
0.5
28
0.5
27
0.5
28
0.5
34
ns
-40°C to 125°C
0.5
150
0.5
94
0.5
63
0.5
33
0.5
28
0.5
27
0.5
28
0.5
34
B
A
-40°C to 85°C
0.5
115
0.5
94
0.5
76
0.5
50
0.5
41
0.5
40
0.5
38
0.5
38
-40°C to 125°C
0.5
115
0.5
94
0.5
76
0.5
50
0.5
41
0.5
40
0.5
38
0.5
38
tdis
Disable time
DIR
A
-40°C to 85°C
0.5
96
0.5
96
0.5
96
0.5
96
0.5
96
0.5
96
0.5
96
0.5
96
ns
-40°C to 125°C
0.5
96
0.5
96
0.5
96
0.5
96
0.5
96
0.5
96
0.5
96
0.5
96
DIR
B
-40°C to 85°C
0.5
136
0.5
97
0.5
76
0.5
33
0.5
27
0.5
26
0.5
28
0.5
35
-40°C to 125°C
0.5
136
0.5
97
0.5
76
0.5
33
0.5
27
0.5
26
0.5
28
0.5
35
ten
(1)
Enable time
DIR
A
-40°C to 85°C
0.5
246
0.5
246
0.5
246
0.5
246
0.5
246
0.5
246
0.5
246
0.5
246
ns
-40°C to 125°C
0.5
246
0.5
246
0.5
246
0.5
246
0.5
246
0.5
246
0.5
246
0.5
246
DIR
B
-40°C to 85°C
0.5
243
0.5
188
0.5
157
0.5
128
0.5
123
0.5
122
0.5
123
0.5
125
-40°C to 125°C
0.5
243
0.5
188
0.5
157
0.5
128
0.5
123
0.5
122
0.5
123
0.5
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com