Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS8535 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT90LS8535
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT90LS8535 Datasheet HTML 1Page - ATMEL Corporation AT90LS8535 Datasheet HTML 2Page - ATMEL Corporation AT90LS8535 Datasheet HTML 3Page - ATMEL Corporation AT90LS8535 Datasheet HTML 4Page - ATMEL Corporation AT90LS8535 Datasheet HTML 5Page - ATMEL Corporation AT90LS8535 Datasheet HTML 6Page - ATMEL Corporation AT90LS8535 Datasheet HTML 7Page - ATMEL Corporation AT90LS8535 Datasheet HTML 8Page - ATMEL Corporation AT90LS8535 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
3
AT90S/LS8535
1041H–11/01
Description
The AT90S8535 is a low-power CMOS 8-bit microcontroller based on the AVR RISC
architecture. By executing powerful instructions in a single clock cycle, the AT90S8535
achieves throughputs approaching 1 MIPS per MHz allowing the system designer to
optimize power consumption versus processing speed.
Block Diagram
Figure 1. The AT90S8535 Block Diagram
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTERS
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA DIR.
REG. PORTA
DATA DIR.
REG. PORTD
DATA DIR.
REG. PORTC
DATA REGISTER
PORTB
DATA REGISTER
PORTA
ANALOG MUX
ADC
DATA REGISTER
PORTD
DATA REGISTER
PORTC
PROGRAMMING
LOGIC
TIMING AND
CONTROL
OSCILLATOR
OSCILLATOR
INTERRUPT
UNIT
EEPROM
SPI
UART
STATUS
REGISTER
Z
Y
X
ALU
PORTB DRIVERS
PORTA DRIVERS
PORTD DRIVERS
PORTC DRIVERS
PB0 - PB7
PA0 - PA7
RESET
VCC
AVCC
AGND
AREF
GND
XTAL2
XTAL1
CONTROL
LINES
PD0 - PD7
PC0 - PC7
8-BIT DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com