Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSV Datasheet(PDF) 2 Page - Bellnix Co.,Ltd.

Part # BSV
Description  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV Datasheet(HTML) 2 Page - Bellnix Co.,Ltd.

  BSV Datasheet HTML 1Page - Bellnix Co.,Ltd. BSV Datasheet HTML 2Page - Bellnix Co.,Ltd. BSV Datasheet HTML 3Page - Bellnix Co.,Ltd. BSV Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
9.5A BSV Series
2
BDD20150226
1.
Scope
These specifications shall apply to the DC input, non-isolated type DC-DC converter
BSV-3.3S9R5 Series
2.
Model/Rating
Model name
Rated input
voltage
Rated output
Shape
Remarks
BSV-3.3S9R5
DC5.0V
3.3V, 9.5A
SIP
BSV-3.3S9R5D
DC5.0V
3.3V, 9.5A
DIP
Unless otherwise mentioned in these specifications, input shall be rated input, output shall be rated
output, and ambient temperature shall be 25ºC±5ºC.
3.
Environmental conditions
3-1 Temperature range
In operation
-40ºC to +85ºC (Derating required)
In storage
-40ºC to +85ºC
3-2 Humidity range
In operation
20 to 95% R.H. (However, max. wet bulb temperature 35ºC, no condensation)
In storage
20 to 95% R.H. (However, max. wet bulb temperature 35ºC, no condensation)
Note) For storage before mounting, store in a place below 30ºC and 60% R.H.
4.
Specifications & Standards
This product is RoHS compliant.
4-1 Input characteristics
Item
Specifications & Standards
Conditions
BSV-3.3S9R5
BSV-3.3S9R5D
Input voltage
+3.0 to 5.5V (Rating 5.0V) *1
Input current
7A typ.
7A typ.
Upon rated input and rated output
Standby current
1.0mA max.
Vin=5.0V, when short-circuiting On/Off
pin and GND
*1 Input voltage to be set higher than output voltage by 0.7V or more.
(Vin≧4.0V when Vout=3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com