Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS8535-4PC Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT90LS8535-4PC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PC Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT90LS8535-4PC Datasheet HTML 40Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 41Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 42Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 43Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 44Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 45Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 46Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 47Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 127 page
background image
44
AT90S/LS8535
1041H–11/01
When the prescaler is set to divide by 8, the timer will count like this:
... | C-2, C-2, C-2, C-2, C-2, C-2, C-2, C-2 | C-1, C-1, C-1, C-1, C-1, C-1, C-1, C-1 | C, 0,
0, 0, 0, 0, 0, 0 | 1, 1, 1,...
In PWM mode, this bit has no effect.
• Bits 2, 1, 0 – CS22, CS21, CS20: Clock Select Bits 2, 1 and 0
The Clock Select bits 2,1 and 0 define the prescaling source of Timer/Counter2.
The Stop condition provides a Timer Enable/Disable function. The prescaled CK modes
are scaled directly from the CK oscillator clock.
Timer/Counter2 – TCNT2
This 8-bit register contains the value of Timer/Counter2.
Timer/Counter2 is realized as an up or up/down (in PWM mode) counter with read and
write access. If the Timer/Counter2 is written to and a clock source is selected, it contin-
ues counting in the timer clock cycle following the write operation.
Timer/Counter2 Output
Compare Register – OCR2
The Output Compare Register is an 8-bit read/write register.
The Timer/Counter Output Compare Register contains the data to be continuously com-
pared with Timer/Counter2. Actions on compare matches are specified in TCCR2. A
compare match only occurs if Timer/Counter2 counts to the OCR2 value. A software
write that sets TCNT2 and OCR2 to the same value does not generate a compare
match.
A compare match will set the compare interrupt flag in the CPU clock cycle following the
compare event.
Table 18. Timer/Counter2 Prescale Select
CS22
CS21
CS20
Description
0
0
0
Timer/Counter2 is stopped.
00
1
PCK2
01
0
PCK2/ 8
01
1
PCK2/ 32
10
0
PCK2/ 64
1
0
1
PCK2/128
1
1
0
PCK2/256
1
1
1
PCK2/1024
Bit
765
4321
0
$24 ($44)
MSB
LSB
TCNT2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
Bit
765
4321
0
$23 ($43)
MSB
LSB
OCR2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com