Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA Datasheet(PDF) 13 Page - Bellnix Co.,Ltd.

Part # BTA
Description  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA Datasheet(HTML) 13 Page - Bellnix Co.,Ltd.

Back Button BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. BTA Datasheet HTML 10Page - Bellnix Co.,Ltd. BTA Datasheet HTML 11Page - Bellnix Co.,Ltd. BTA Datasheet HTML 12Page - Bellnix Co.,Ltd. BTA Datasheet HTML 13Page - Bellnix Co.,Ltd. BTA Datasheet HTML 14Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
13
DC-DC Converter
BDD20081
203
9. Soldering Conditions
Soldering is to be executed under the following conditions.
1- Soldering Iron (DIP Type, SMD Type)
380°C 3sec.
2- Soldering Dip (DIP type)
260°C 10sec.
3- Reflow (SMD type)
Reflow Temp. Profile
Solder Sn-3Ag-0.5Cu
A
A'
B'
C
B
Soldering Dip Time(s)
Ty1
Ty2
TP
225
C
B'
B
1.0 to 5.0℃/s
Ty1 to Ty2:
1.0 to 4.0℃/s
Above 225℃:
TP:
Ty2:
Ty1:
1.0 to 3.0℃/s
40 to 100s
170±10℃
150±10℃
245℃max.
20 to 40s
A
A'
Do not vibrate the product during reflow.
Reflow can be done only once. (Please do not mount backside.)
NOTE: Eutectic soldering can be used within condition as above.
10. Material of Pin and case
Pin : Phosphor bronze (Ni Foundation Sn Plating)
Case : SPCC (Ni Plating)
11. Vibration / Shock Test
Vibration : 10 to 55Hz All Amplitude 1.52mmp-p (2 hours in each of 3 orthogonal axes)
Scanning time 15min.
Shock : Acceleration 100G (3 times in each of 3 orthogonal axes, Total 18 times )
Duration 6ms
12. Cleaning Condition
This product can not be washed whole. No clean solder paste is recommended for this product. When and if
cleaning should be necessary only for DIP type, use IPA and hand-wash only soldered surface by brush cleaning.
After cleaning be sure to dry up before using.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com