Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC945C Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC945C
Description  NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC945C Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC945C Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NPN TRANSISTOR
FEATURE
Excellent hFE linearity
Low noise
Complementary to FTA733C
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
400
mW
TJ
Junction Temperature
125
℃
Tstg
Storage Temperature
-55-125
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA , IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=100 A , IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100 A, IC=0
5
V
Collector cut-off current
ICBO
VCB=60V, IE=0
0.1
Collector cut-off current
ICEO
VCE
V
5
4
=
0.1
Emitter cut-off current
IEBO
VEB=5V ,IC=0
0.1
hFE(1)
VCE=6V , IC=1mA
70
700
DC current gain
hFE(2)
VCE=6V , IC=0.1mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=10mA
1
V
Transition frequency
fT
VCE=6V,IC=10mA,f=30MHz
200
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
3.0
pF
Noise figure
NF
VCE
=6V,IC=0.1mA
RG
=10k
Ω,f=1MHz
10
dB
CLASSIFICATION OF hFE(1)
Rank
L
B
R
G
Y
O
Range
70-140
120-240
200-400
350-700
1 2 3
TO-92
1.EMITTER
2.COLLECTOR
3. BASE
μA
μA
μA
μ
μ
, IB=0
2011.08. 23
1/1
SEMICONDUCTOR
TECHNICAL D ATA
FTC945C
Revision No : A


Similar Part No. - FTC945C

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC945 FS-FTC945 Datasheet
72Kb / 1P
NPN TRANSISTOR
FTC945B FS-FTC945B Datasheet
72Kb / 1P
NPN TRANSISTOR
More results

Similar Description - FTC945C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com