Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC1815 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC1815
Description  General Purpose NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC1815 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC1815 Datasheet HTML 1Page - First Silicon Co., Ltd FTC1815 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose NPN Transistor
FEATURES
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
400
mW
Tj
Junction Temperature
125
Tstg
Storage Temperature
-55-125
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 100uA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 0. 1mA, IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100uA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 60V,IE=0
0.1
uA
Collector cut-off current
ICEO
VCE= 50V, IB=0
0.1
uA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
uA
DC current gain
hFE
VCE= 6 V, IC= 2mA
70
700
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=10mA
1
V
Transition frequency
fT
VCE=10 V, IC= 1mA
f=30MHz
80
MHz
Collector Output Capacitance
Cob
VCB=10V,IE=0
f=1MHz
3.5
pF
Noise Figure
NF
VCE=6V,IC=0.1mA
f =1KHz,RG=10K
10
dB
CLASSIFICATION OF
hFE
Rank
L
B
R
G
Y
O
Range
70-140
120-240
200-400
350-700
SEMICONDUCTOR
TECHNICAL DATA
FTC1815
2009. 04. 20
1/2
Revision No : 0
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - FTC1815

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC1008 FS-FTC1008 Datasheet
188Kb / 2P
TRANSISTOR (NPN)
FTC1027 FS-FTC1027 Datasheet
335Kb / 2P
TRANSISTOR (NPN)
logo
First Components Intern...
FTC1185 FCI-FTC1185 Datasheet
48Kb / 2P
Low Dropout CMOS Voltage Regulators
FTC12A60 FCI-FTC12A60 Datasheet
303Kb / 3P
12Amp Triac FTC16A60 Non- Insulated Pack
FTC12A60F FCI-FTC12A60F Datasheet
508Kb / 1P
MECHANICAL DIMENSION
More results

Similar Description - FTC1815

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com