Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC2500 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC2500
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2500 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC2500 Datasheet HTML 1Page - First Silicon Co., Ltd FTC2500 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2014. 9. 07
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTC2500
1. EMITTER
2. COLLECTOR
3. BASE
FTC2500
TRANSISTOR (NPN)
FEATURES
Strobe Flash Applications
Medium Power Amplifier Applications
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
V
0
1
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
6
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
2
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
m
0
0
9
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
TJ
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
+
o
t
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE
V
0
3
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB
V
0
1
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA,IC
V
6
0
=
Collector cut-off current
ICBO
VCB=30V,IE
A
µ
1
.
0
0
=
Emitter cut-off current
IEBO
VEB=6V,IC
A
µ
1
.
0
0
=
hFE(1)
VCE=1V,IC=500mA
140
600
DC current gain
hFE(2)
VCE=1V,IC
0
7
A
2
=
Collector-emitter saturation voltage
VCE(sat)
IC=2A,IB
V
5
.
0
A
m
0
5
=
Base-emitter voltage
VBE
VCE=1V,IC
V
5
.
1
A
2
=
Transition frequency
fT
VCE=1V,IC
z
H
M
0
5
1
A
m
0
0
5
=
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
27
pF
CLASSIFICATION OF
hFE(1)
Rank
D
C
B
A
Range
140-240
200-330
300-450
420-600
TO-92L
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
8.15 MAX
5.05 MAX
1.58 MAX
0.7 TYP
1.27 TYP
2.54 TYP
14.20 MAX
D
G
F
E
E
0.55 MAX
B
0.45 MAX
4.05 MAX
L
C
1
2
3


Similar Part No. - FTC2500

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC2314 FS-FTC2314 Datasheet
351Kb / 3P
TRANSISTOR (NPN)
FTC2316 FS-FTC2316 Datasheet
73Kb / 2P
TRANSISTOR (NPN)
FTC2328A FS-FTC2328A Datasheet
120Kb / 2P
Audio power amplifier
FTC2330 FS-FTC2330 Datasheet
108Kb / 2P
TRANSISTOR (NPN)
FTC2383 FS-FTC2383 Datasheet
240Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - FTC2500

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com