Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BWS Datasheet(PDF) 6 Page - Bellnix Co.,Ltd.

Part # BWS
Description  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWS Datasheet(HTML) 6 Page - Bellnix Co.,Ltd.

Back Button BWS Datasheet HTML 2Page - Bellnix Co.,Ltd. BWS Datasheet HTML 3Page - Bellnix Co.,Ltd. BWS Datasheet HTML 4Page - Bellnix Co.,Ltd. BWS Datasheet HTML 5Page - Bellnix Co.,Ltd. BWS Datasheet HTML 6Page - Bellnix Co.,Ltd. BWS Datasheet HTML 7Page - Bellnix Co.,Ltd. BWS Datasheet HTML 8Page - Bellnix Co.,Ltd. BWS Datasheet HTML 9Page - Bellnix Co.,Ltd. BWS Datasheet HTML 10Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Contactless power supply module
BWS Series
6
Bellnix
AC-DC Converter
BWS20170519_C01
5-9-3. Protection operation:
used when the power transmitting mode detects overcurrent (see
chapter 5-6)
*Operation is restarted 10 minutes after output is stopped. The operation can also be restarting
by switching the ON/OFF control again.
1.5s
0.05s
3 times within 30s
5s
5s
0.5s
0.5s
Voltage of
RC-IN-+
to RC-IN-G
Inverter output
LED output
1.5s
3s
3s
Voltage of
RC-IN-+
to RC-IN-G
Inverter output
LED output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com