Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHV Datasheet(PDF) 1 Page - Bellnix Co.,Ltd.

Part # SHV
Description  Ultra small size high voltage power supply 500V to 2KV, chassis installing type 2W to 3W adjustable output high voltage power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

SHV Datasheet(HTML) 1 Page - Bellnix Co.,Ltd.

  SHV Datasheet HTML 1Page - Bellnix Co.,Ltd. SHV Datasheet HTML 2Page - Bellnix Co.,Ltd. SHV Datasheet HTML 3Page - Bellnix Co.,Ltd. SHV Datasheet HTML 4Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra small size high voltage power supply 500V to 2KV, chassis installing type
2W to 3W adjustable output high voltage power supply
0V~500V、1000、1500V、2000V SHV Series
The SHV series is the first high voltage power supply in the industry to use the latest SMT (surface mount technology) making the size 1/5
from the original product, with an adjustable output voltage type mid-high voltage DC-DC converter.
The output voltage can be adjusted using an external voltage or external adjustable resistor. The SHV series is a low noise power supply
that installing chassis available.
■
Features
・
Chassis installing type
・
5 sided metallic shield case
・
Output voltage 0V to 500 - 2000V
・
Low ripple noise of 30mVp-p
・
Output capacity 2W to 3W
・
Remote ON / OFF control
・
Over current protection
・
Adjuste by volume or external voltage
・
World's smallest size device
・
Isolated type between input/output
・
Low price
・
High reliability, long life
■
Model name/Rating
■
Specifications
Note1: The output voltage can be controlled by impressing the Vcont voltage. Using an adjustable resistor or an external voltage, voltage should
be impressed on the Vcont pin in order to control the output voltage. When Vcont voltage=0V, the output voltage(residual output voltage)
should be less than 0.5% of the max output voltage (at Input/Output rating).
■
Test circuit
■
Block diagram
Warning 1: The input-output ground line and case are internally connected.
Warning 2: Vref is 4V±0.3V (When external VR=5KΩ)
Warning 3: The ON/OFF can be controlled with a transistor.
1
BHV20080822
Input regulation
Load regulation
Temp regulation
Over current protection
Output voltage accuracy
Output voltage control
ON/OFF control
Usage temperature range
Storage temperature range
Usage humidity range
Input/ouput isolation
0.03% typ.(Load current 0% to 100%) SHV12-0.5K type is 0.08% typ.
±
0.01%/℃ typ.(Temp. regulation -10℃ to +50℃)
-10℃ to +60℃ (Derating required for temp.50℃ or higher)
Non-isolated type (2.BLK - 6.BLK and case are internally connected.)
20% to 95%RH(Non condensing)
-25℃ to +85℃
External voltage 0V to +4V, or an adjustable resitor with 5KΩ external.
Below ±5%(Rated output, rated load, Vcont=4V)
Hold back characteristic, auto restart circuit operates at 105% or more
0.03% typ.(Regulation of input voltage range)
Available (Between 2.BLK - 5.BLU:when open=ON, when short=OFF)
MTBF expected value
390,000Hmin.(From Bellnix MTBF formula graph)
12V
SW1
Load
6
3
+
C1
C2
5
+
C1=47μF
C2=4700pF
Output voltage
control
(
Impress 0V to 4V)
4
ORG
(
OPEN)
1
2
7
+Vin
-Vin
Vout (+ or -)
Vout (Com)
Vref
Vcont
ON/OFF
SW1
Open=ON
Short=OFF
RED
RED
BLK
BLK
BLU
YEL
0 to 2000V
0 to 1500V
0 to 1000V
0 to 500V
SHV
12V
+
+
SW1
Vout (com)
Vcont
Vref
ON/OFF
ON/OFF
Control part
Load
1
2
3
4
5
6
7
DC-AC
switch
circuit
high voltage
oscillating
transistor
High voltage
recitification
Control IC
Output voltage control
Over current protection
Standard voltage origin
voltage detection
circuit
Case
SW1
Open=ON
Short=OFF
External voltage (0 to
4V) or VR (5KΩ)
+Vin
Vout (+ or -)
-
Vin
Input
voltage
Output
current
Load
resistance
Output
capacity
Input
current
Case
(Vdc)
(mA)
min
(W)
(mA) typ
Ripple noise
(mVp-p) typ
S-11
S-11
S-11
S-11
50
2MΩ
2.0
10.8 to 16.5
10.8 to 16.5
340
0 to 1.0
2.0
290
0 to 1.3
500KΩ
30
83.3KΩ
30
3.0
0 to -500
30
1.15MΩ
10.8 to 13.2
390
0 to 6.0
10.8 to 16.5
290
0 to 2.0
2.0
Model name
SHV Series
0 to +2000
0 to -2000
0 to +1000
0 to -1000
0 to +1500
0 to -1500
Output
voltage
(Vdc) Note1
0 to +500
SHV12 -
0.5K6000P
SHV12 -
0.5K6000N
SHV12 -
1.0K2000P
SHV12 -
1.0K2000N
SHV12 -
1.5K1300P
SHV12 -
1.5K1300N
SHV12 -
2.0K1000P
SHV12 -
2.0K1000N


Similar Part No. - SHV

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SHV HAMMOND-SHV Datasheet
100Kb / 2P
Generateur de chaleur de 100-400 W, avec panneau de commande
logo
Radiall. All rights res...
SHV RADIALL-SHV Datasheet
206Kb / 3P
FEMALE STRAIGHT PLUG CABLE 5/50
ISSUE 16-03-16P
logo
EIC discrete Semiconduc...
SHV-01JN EIC-SHV-01JN Datasheet
103Kb / 1P
AVALANCHE RECTIFIER DIODE
logo
Sanken electric
SHV-02 SANKEN-SHV-02 Datasheet
43Kb / 2P
High-Voltage Rectifier Diodes
SHV-02 SANKEN-SHV-02 Datasheet
29Kb / 2P
High-Voltage Rectifier Diodes
More results

Similar Description - SHV

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11784-12 HAMAMATSU-C11784-12 Datasheet
177Kb / 2P
HIGH VOLTAGE POWER SUPPLY
logo
M.S. Kennedy Corporatio...
MSK690 MSK-MSK690_15 Datasheet
162Kb / 4P
Adjustable High Voltage Power Supply to 75V
logo
Hamamatsu Corporation
C11152 HAMAMATSU-C11152_15 Datasheet
161Kb / 2P
HIGH VOLTAGE POWER SUPPLY
C10940 HAMAMATSU-C10940_15 Datasheet
114Kb / 2P
HIGH VOLTAGE POWER SUPPLY
logo
Volgen Kaga Electronics...
VHV12-470S06P VOLGEN-VHV12-470S06P Datasheet
270Kb / 2P
Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
logo
Hamamatsu Corporation
C9619 HAMAMATSU-C9619_15 Datasheet
200Kb / 2P
HIGH VOLTAGE POWER SUPPLY
logo
Bellnix Co.,Ltd.
BYH BELLNIX-BYH Datasheet
252Kb / 4P
Ultra small size, Adjustable output voltage type high voltage power supply 0.2W Mid-high voltage DC-DC converter
MHV12-180S15P BELLNIX-MHV12-180S15P Datasheet
201Kb / 4P
Ultra small size Adjustable output high voltage power supply 2.5W to 3W Mid-high voltage DC-DC converter
MHV12-470S06P BELLNIX-MHV12-470S06P Datasheet
394Kb / 5P
Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
PHV12-350S10P BELLNIX-PHV12-350S10P Datasheet
252Kb / 4P
High efficiency, ultra small size adjustable output type high voltage power supply High efficiency, I type resonance PWM formula 3.5W high voltage DC-DC converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com