Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX-32LCC Datasheet(PDF) 1 Page - Kycon, Inc.

Part # PX-32LCC
Description  Through Hole PLCC Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

PX-32LCC Datasheet(HTML) 1 Page - Kycon, Inc.

  PX-32LCC Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
Series
PX
-
Through Hole PLCC Socket
Number of Contacts
20 - Contacts
28 - Contacts
32 - Contacts
44 - Contacts
52 - Contacts
68 - Contacts
84 - Contacts
Body Type
LCC - PBT
Generated Part Number
Part Number Builder
Series
Number of
Contact
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Performance Specifications
Materials and Finish
Body
PBT Thermoplastic, 30% Glass Filled,
UL94V-0 Rated, Black Color
Contact Material
Phosphor Bronze, 0.25mm Thickness
Contact Finish
Tin Plated over Nickel
Electrical Characteristics
Contact Resistance
15 milliohms Max. After Test
Dielectric Withstanding Voltage
1000V AC Min. for 1 Minute
Insulation Resistance
10000 Megohms Min.
Temperature Rating
-40°C to +75°C
Dimensions in mm
PX-xxLCC
Series
Body
Type
* PXLCC Extraction Tool P/N TLPX-PXLCC
Contact Kycon for other Options
1.27
A
C
D
B
1.27
84
28
20
Contacts
Number of
A±0.25 B±0.25
C±0.1
D±0.1
15.50
12.70
18.05
18.05
18.05
15.50
7.62
5.08
7.62
7.62
5.08
25.40
20.32
15.24
12.70
10.16
36.66
31.66
25.88
23.50
36.66
31.66
25.88
23.50
25.40
20.32
15.24
20.60
Dimensions in mm
3.35±0.2
0.5
A
CHIP CARRIER SOCKETS:
PX Series
Through Hole PLCC Socket
Product Features
Applications Include All Electronic PC Boards Requiring
theConversion of a .050" Pitch Chip Carrier to a .100" x .100"
Grid, Through Board Application
Accepts Molded Plastic Chip Carriers Conforming to JEDEC
Specification MO-047 for Square and MO-052 for
RectangularConfiguration
Visual and Mechanical Polarization for PXLCC Insertion
Closed Bottom for Excellent Protection from Solder Wicking
Into Contact Area
Molded-In Stand-Offs Allow Easy Removal of Flux Residue
Extraction Tool Slots*
Open Top Design for Cooler Running Chip Carrier
Automatic Insertion Machine Compatible
CSA/NRTL Certified File No. LR78160
UL File No. E140125
32
44
52
68
R
E140125
Rated Voltage
12Vac
PX-20LCC
PX
20
LCC


Similar Part No. - PX-32LCC

ManufacturerPart #DatasheetDescription
logo
Brainboxes Limited
PX-320 BRAINBOXE-PX-320 Datasheet
769Kb / 2P
LP PCIe 1xRS422/485 1MBaud
PX-320 BRAINBOXE-PX-320 Datasheet
760Kb / 2P
PCIe 1xRS422/485 1MBaud
PX-320. BRAINBOXE-PX-320. Datasheet
769Kb / 2P
LP PCIe 1xRS422/485 1MBaud
PX-324 BRAINBOXE-PX-324 Datasheet
760Kb / 2P
PCIe 1xRS422/485 1MBaud
PX-324. BRAINBOXE-PX-324. Datasheet
760Kb / 2P
PCIe 1xRS422/485 1MBaud
More results

Similar Description - PX-32LCC

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5450 POMONA-5450 Datasheet
88Kb / 5P
PLCC Socket Breakouts
logo
CAMBION Electronic Comp...
709-2000 CAMBION-709-2000 Datasheet
34Kb / 2P
PLCC sockets, through hole
logo
Assmann Electronics Inc...
A-CCSXX-X ASSMANN-A-CCSXX-X Datasheet
175Kb / 1P
PLCC SOCKET SOLDER TAIL
A-CCSXX-Z-R ASSMANN-A-CCSXX-Z-R Datasheet
334Kb / 1P
CHIP-CARRIER PLCC SOCKET
logo
FCI connector
54020-44030LF FCI-CONNECTOR-54020-44030LF Datasheet
220Kb / 2P
PLCC DIP Socket
69802 FCI-CONNECTOR-69802 Datasheet
453Kb / 5P
PLCC SMT SOCKET
68030 FCI-CONNECTOR-68030 Datasheet
286Kb / 3P
54020-68030LF - PLCC Through Hole Sockets
69802-132PT FCI-CONNECTOR-69802-132PT Datasheet
453Kb / 5P
PLCC SMT Socket
logo
Assmann Electronics Inc...
A-CCS20-G ASSMANN-A-CCS20-G Datasheet
320Kb / 1P
Chip-Carrier PLCC socket
logo
Kycon, Inc.
SMPX KYCON-SMPX Datasheet
1Mb / 1P
Surface Mount PLCC Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com