Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMPX-68P Datasheet(PDF) 1 Page - Kycon, Inc.

Part # SMPX-68P
Description  Surface Mount PLCC Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

SMPX-68P Datasheet(HTML) 1 Page - Kycon, Inc.

  SMPX-68P Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2015
Series
SMPX
-
Surface Mount PLCC Socket
Number of Contacts
20 - 20 Contacts
28 - 28 Contacts
32 - 32 Contacts
44 - 44 Contacts
52 - 52 Contacts
68 - 68 Contacts
84 - 84 Contacts
Polarized
N - Non-Polarized
P - Polarized
Packaging
Blank - Tubes
TR - Tape and Reel (Available only with N Option)
Generated Part Number
Part Number Builder
Series
Number of
Contact
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
CHIP CARRIER SOCKETS:
SMPX Series
Surface Mount PLCC Socket
Product Features
Applications Include All Electronic PC Boards Requiring Use
of a Socket with Same Footprints as Most Common Plastic
Leaded Chip Carriers
Accepts Molded Plastic Chip Carriers Conforming to
JEDEC Specification MO-047 for Square and MO-052
for Rectangular Configuration
Visual and Mechanical Polarization for PXLCC Insertion
Open Frame Design for Ease of Contact Inspection & Repair
For High Temperature SMT Soldering up to 230 °C
Optional PCB Polarizing Pegs Available
Low profile; Less than .2” Mated Height
Extraction Tool Slots*
Open Top Design for Cooler Running Chip Carrier
Automatic Insertion Machine Compatible
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Body
High Temperature Thermoplastic, Black Color
Contact Material
Phosphor Bronze
Contact Finish
160µ” Tin over Nickel Plating
Electrical Characteristics
Contact Current Rating
1 A
Contact Resistance
15 milliohms Max.
Dielectric Withstanding Voltage
1000VAC Min. for 1 Minute
Insulation Resistance
10000 Megohms Min
Temperature Rating
-50°C to +105°C
Dimensions in mm
SMPX-
Series
Body
Type
* PXLCC Extraction Tool P/N TLPX-PXLCC
Contact Kycon for other Options
Polarized
Packaging
Detail A
B-B
A-A
A
1.27
1.5
4.6
H
Detail A
0.15±0.08
Polarizing Peg
Dimensions in mm
SMPX-20LCC-N
SMPX
20
LCC
N


Similar Part No. - SMPX-68P

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SMP BEL-SMP Datasheet
542Kb / 2P
SURFACE MOUNT POWER CROSS PROTECTION FUSE
logo
Isabellenhütte Heu...
SMP ISABELLENHUETTE-SMP Datasheet
1Mb / 4P
Precision resistors
logo
SOVICO corp.
SMP-02 SOVICO-SMP-02 Datasheet
720Kb / 1P
MIC JACK PLATE(2CCT)
logo
List of Unclassifed Man...
SMP-02V-B(N)C ETC2-SMP-02V-B(N)C Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-02V-BC ETC2-SMP-02V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results

Similar Description - SMPX-68P

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-204RGBU UOT-MSL-204RGBU Datasheet
52Kb / 3P
Surface Mount Full Color PLCC LEDs
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
PLCC-4 Surface Mount Tricolor LED
logo
Pomona Electronics
5450 POMONA-5450 Datasheet
88Kb / 5P
PLCC Socket Breakouts
logo
Seoul Semiconductor
SFT722N-S SEOUL-SFT722N-S_09 Datasheet
795Kb / 18P
Surface Mount LED In PLCC
logo
Tyco Electronics
822475-2 MACOM-822475-2 Datasheet
116Kb / 1P
SOCKET, MINI-PLCC, SURFACE MOUNT, 32 POSITION
logo
FCI connector
54020-44030LF FCI-CONNECTOR-54020-44030LF Datasheet
220Kb / 2P
PLCC DIP Socket
69802 FCI-CONNECTOR-69802 Datasheet
453Kb / 5P
PLCC SMT SOCKET
69802-132PT FCI-CONNECTOR-69802-132PT Datasheet
453Kb / 5P
PLCC SMT Socket
logo
Ironwood Electronics.
SF-PLCC44-J-01 IRONWOOD-SF-PLCC44-J-01 Datasheet
35Kb / 1P
PLCC Surface Mount Foot
logo
Broadcom Corporation.
ASMM-CS03-HM002 BOARDCOM-ASMM-CS03-HM002 Datasheet
885Kb / 17P
PLCC-2 Surface Mount LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com