Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC3835 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3835
Description  SILICON NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3835 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3835 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3835 Datasheet HTML 2Page - First Silicon Co., Ltd FTC3835 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL D ATA
FTC3835
2014. 12. 19
1/3
Revision No : 0
Purpose: Humidifier, DC-DC converter, and general purpose.
Absolute Maximum Ratings(Ta=25℃)
Electrical Characteristics(Ta=25℃)
Symbol
Test Condition
Symbol
Unit
Min
Typ
Max
V
CEO
I
C=50mA
I
E=0
120
V
I
CBO
V
CB=200V
I
E=0
100
μA
I
EBO
V
EB=8.0V
I
E=0
100
μA
h
FE
V
CE=4.0V
I
C=3.0A
70
220
V
CE(sat)
I
C=3.0A
I
B=0.3A
0.5
V
V
BE(sat)
I
C=3.0A
I
B=0.3A
1.2
V
f
T
V
CE=12V
I
E=-0.5A
30
MHz
C
ob
V
CB=10V
f=1.0MHz
110
pF
Symbol
Rating
Unit
V
CBO
200
V
V
CEO
120
V
V
EBO
8.0
V
I
C
7.0
A
I
B
3.0
A
P
C (Tc=25℃)
70
W
T
j
150
℃
T
stg
-55~150
℃
SILICON NPN TRANSISTOR
12
1. Base 2. Collector 3. Emitter


Similar Part No. - FTC3835

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3834 FS-FTC3834 Datasheet
375Kb / 3P
SILICON NPN TRANSISTOR
FTC3837 FS-FTC3837 Datasheet
124Kb / 3P
High-FrequencyAmplifier Transistor
FTC3838 FS-FTC3838 Datasheet
100Kb / 2P
High-FrequencyAmplifier Transistor
More results

Similar Description - FTC3835

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com