Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC3837 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC3837
Description  High-FrequencyAmplifier Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3837 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC3837 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3837 Datasheet HTML 2Page - First Silicon Co., Ltd FTC3837 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2013. 08. 05
2/3
Revision No : 0
FTC3837
Electrical characteristic curves
0.1 0.2
0.5
1
2
5
10 20
50
10
COLLECTOR CURRENT : I C (mA)
Fig.1 DC current gain vs. collector curre
100
20
50
200
500
Ta=25°C
VCE=10V
0.1 0.2
0.5
1
2
5
10 20
50
10
COLLECTOR CURRENT : I C (mA)
Fig.2 Collector-emitter saturation voltag
e
vs. collector current
100
20
50
200
500
Ta=25°C
IC/IB=5
0.1 0.2
0.5
1
2
5
10 20
50
0.1
COLLECTOR TO BASE VOLTAGE : V CB (V)
Fig.3 Capacitance vs. reverse bias voltag
1.0
0.2
0.5
2.0
5.0
Ta=25°C
f=1MHz
IE=0A
Cob
Cre
−0.1 −0.2
−0.5 −1 −2
−5 −10 −20
−50
100
EMITTER CURRENT : I E (mA)
Fig.4 Gain bandwidth product vs. emitter curre
1000
200
500
2000
5000
Ta=25°C
VCE=10V
0.1 0.2
0.5
1
2
5
10 20
0
1
COLLECTOR CURRENT : I C (mA)
Fig.5 Collector to base time constanc
e
vs. collector current
10
2
5
20
50
Ta=25°C
VCE=10V
f=31.8MHz
0.1
0.2
0.5
1
2
5
10
0
FREQUENCY : f (GHz)
Fig.6 Insertion gain vs. frequency
5
10
15
20
25
Ta=25°C
VCE=10V
IC=10mA
COLLECTOR CURRENT : Ic (mA)
Fig.7 Insertion gain vs. collector cu re
nt
0.5
1
2
5
10
20
50
0
5
10
15
20
25
Ta=25°C
VCE=12V
f=200MHz
0
2
4
6
8
10
12
0
COLLECTOR TO EMITTER VOLTAGE : V CE (V)
Fig.8 Insertion gain vs. collector voltag
5
10
15
20
25
30
Ta=25°C
IC=2mA
f=200MHz
0.1 0.2
0.5
1
2
5
10 20
50
0
COLLECTOR CURRENT : I C (mA)
Fig.9 Noise factor vs. collector cu re
nt
10
20
Ta=25°C
VCE=12V
f=200MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com