Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7447A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC7447A
Description  PowerPC microprocessor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC7447A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOTOROLA
MPC7447A Part Number Specification for the MC7447AnnnnNx Series
5
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Ordering Information
1.11 Ordering Information
1.11.1 Part Numbers Addressed by This Specification
Table 16 provides the ordering information for the MPC7447A parts described in this document.
1.11.3 Part Marking
Parts are marked as the example shown in Figure 22.
.
Table 16. Part Marking Nomenclature
xxx
7447A
HX
nnnn
N
x
Product
Code
Part
Identifier
Package
Processor
Frequency 1
Application Modifier
Revision Level
MC
7447A
HX = HCTE
1000
1167
N: 1.1 V ± 50 mV
0 to 105
°C
B:1.1:
PVR = 8003 0101
Notes:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by other
specifications may support other maximum core frequencies.
Figure 22. Part Marking for BGA Device
Notes:
YWWWLAZ is the assembly traceability code.
AWYYYWW is the test code.
MMMMMM is the M00 (mask) number.
BGA
xxx7447A
HXnnnnNx
AWLYYWW
MMMMMM
7447A
YWWLAZ
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com