Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KUSB67X Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KUSB67X
Description  Push Pull IP67 Panel Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KUSB67X Datasheet(HTML) 1 Page - Kycon, Inc.

  KUSB67X Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 1215
UNIVERSAL SERIAL BUS: KUSB67X Series
Push Pull IP67 Panel Mount
Product Features
IP67 Rated ( When used with IP67X-PP Cap )
A Type USB 2.0
Contact Area with Gold Plating
Panel Mount
Quick Release
Performance Specifications
Materials and Finish
Insulator
Thermoplastic, UL 94V-0 Rated, Black Color
Shell
Steel, Nickel Plated
Contact Material
Phosphor Bronze
Contact Plating Option
Standard: Gold Flash on Contact Area, Tin Plated on Solder
Tails, All over Nickel Underplate
Mechanical Characteristics
Durability: 1000 Mating Cycles Min.
Electrical Characteristics
Rated Current: 1.5A
Rated Voltage: 30V AC/DC
Insulation Resistance: 500 Megohms Min.
Contact Resistance: 50 milliohms Max.
Dielectric Withstanding Voltage: 500V AC For 1 Minute
Series
KUSB67X -
Push Pull IP67 Panel Mount
Type
AS1N - A Type
Interface Option
Blank - USB A to PCB
2 - USB A to USB A
Panel Mount
PM - Panel Mount
Use with IP67X-PP-CAP for IP67
Generated Part Number
Part Number Builder
Series
Interface
Option
Panel
Mount
Type
Contact Kycon for other options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
KUSB67X
KUSB67X-AS1N-2-PM
Note: Recommended Mounting Screw - M2.5 x 2
KUSB67X-AS1N-2PM
KUSB67X
AS1N
2
PM


Similar Part No. - KUSB67X

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KUSB67X-MM-CS1 KYCON-KUSB67X-MM-CS1 Datasheet
6Mb / 1P
Universal Serial Bus
KUSB67X-MM-CS1-B15TR KYCON-KUSB67X-MM-CS1-B15TR Datasheet
6Mb / 1P
Universal Serial Bus
KUSB67X-SMTTH-CS4 KYCON-KUSB67X-SMTTH-CS4 Datasheet
7Mb / 1P
Universal Serial Bus
KUSB67X-SMTTH-CS4-B30TR KYCON-KUSB67X-SMTTH-CS4-B30TR Datasheet
7Mb / 1P
Universal Serial Bus
KUSB67X-SMTTH-CS4-B30TR KYCON-KUSB67X-SMTTH-CS4-B30TR Datasheet
220Kb / 2P
USB 3.2 Gen 2, Type C Socket
REV. A1 10/23/19
More results

Similar Description - KUSB67X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0857302050 MOLEX9-0857302050 Datasheet
120Kb / 2P
Modular PCB Receptacle, RJ-45, Push/Pull, Industrial, Panel Feed Through, Category 5, Shielded, IP67
logo
Marl International Limi...
660-308-64 MARL-660-308-64 Datasheet
309Kb / 3P
IP67 Rated Panel Mount Indicator
661-508-64 MARL-661-508-64 Datasheet
330Kb / 3P
IP67 Rated Panel Mount Indicator
logo
List of Unclassifed Man...
PM5-PRD ETC2-PM5-PRD Datasheet
386Kb / 2P
IP67 Rated Panel Mount lndlcator
PM5-PAD ETC2-PM5-PAD Datasheet
386Kb / 2P
IP67 Rated Panel Mount Indicator
logo
Marl International Limi...
660-308-64 MARL-660-308-64 Datasheet
309Kb / 3P
IP67 Rated Panel Mount Indicator
661-508-64 MARL-661-508-64 Datasheet
330Kb / 3P
IP67 Rated Panel Mount Indicator
logo
Bourns Electronic Solut...
54AAD-C28-B15 BOURNS-54AAD-C28-B15 Datasheet
356Kb / 4P
Panel Control w/Push-Pull Switch
logo
Adam Technologies, Inc.
MMI-M0RSGXXS-IP67 ADAM-TECH-MMI-M0RSGXXS-IP67 Datasheet
131Kb / 1P
PUSH-PULL SOCKET, VERTICAL, SIZE 0, METAL BODY, FRONT PANEL MOUNT, SOLDER TERMINAL, IP67
MMI-M1RSGXXS-IP67 ADAM-TECH-MMI-M1RSGXXS-IP67 Datasheet
143Kb / 1P
PUSH-PULL SOCKET, VERTICAL, SIZE 1, METAL BODY, REAR PANEL MOUNT, SOLDER TERMINAL, IP67
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com