Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGU6005/N2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGU6005/N2
Description  Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU6005/N2 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGU6005/N2 Datasheet HTML 1Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 2Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 3Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 4Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 5Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 6Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 7Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 8Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
The BGU6005/N2, also known as the GPS1001M, is a Low Noise Amplifier (LNA) for
GNSS receiver applications in a plastic leadless 6-pin, extremely small SOT886 package.
The BGU6005/N2 requires only one external matching inductor and one external
decoupling capacitor.
1.2 Features and benefits
Covers full GNSS L1 band, from 1559 MHz to 1610 MHz
Noise figure (NF) = 0.85 dB
Gain = 17.5 dB
High input 1 dB compression point Pi(1dB) of 6 dBm
High out of band IP3i of 6 dBm
Supply voltage from 1.5 V to 3.1 V
Power-down mode current consumption < 2
A
Optimized performance at low supply current of 5.2 mA
Integrated matching for the output
Requires only one input matching inductor and one supply decoupling capacitor
Input and output DC decoupled
ESD protection on all pins (HBM > 2 kV)
Integrated temperature stabilized bias for easy design
Small 6-pin leadless package 1 mm
 1.45 mm  0.5 mm
1.3 Applications
LNA for GPS, GLONASS, Galileo and Compass (BeiDou) in smart phones, feature
phones, tablet PCs, personal navigation devices, digital still cameras, digital video
cameras, RF front end modules, complete GPS chipset modules and theft protection
(laptop, ATM).
BGU6005/N2
Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and
Compass
Rev. 2 — 31 January 2017
Preliminary data sheet


Similar Part No. - BGU6005/N2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU6009 NXP-BGU6009 Datasheet
154Kb / 10P
Low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4 ??18 January 2017
BGU6009/N2 NXP-BGU6009/N2 Datasheet
154Kb / 10P
Low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4 ??18 January 2017
BGU6009N2 NXP-BGU6009N2 Datasheet
154Kb / 10P
Low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4 ??18 January 2017
More results

Similar Description - BGU6005/N2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL20G ASB-ASL20G_13 Datasheet
710Kb / 10P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
September 2013
ASL20G ASB-ASL20G_17 Datasheet
1Mb / 16P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
ASL21X ASB-ASL21X_17 Datasheet
2Mb / 23P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
January 2017
logo
NXP Semiconductors
BGU8010 NXP-BGU8010 Datasheet
325Kb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-24 December 2013
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
BGU8103 NXP-BGU8103 Datasheet
113Kb / 12P
SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 3-18 January 2017
BGU8309 NXP-BGU8309 Datasheet
115Kb / 13P
SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4-18 January 2017
BGU8004 NXP-BGU8004 Datasheet
282Kb / 18P
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-31 January 2014
GPS1502L NXP-GPS1502L Datasheet
195Kb / 15P
SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 5 ??22 March 2019
BGU6009 NXP-BGU6009 Datasheet
154Kb / 10P
Low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4 ??18 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com