Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMMLX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KMMLX
Description  B Type Mid-Mount Micro USB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KMMLX Datasheet(HTML) 1 Page - Kycon, Inc.

  KMMLX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KMMLX
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
UNIVERSAL SERIAL BUS: KMMLX Series
B Type Mid-Mount Micro USB
Product Features
More Compact Footprint than Mini-USB
Meets the USB Implementers Forum Specification,
Which Supports USB On-The-Go (OTG)
Stainless Steel Shell, Which Yields More than
10,000 Insertion Cycles
Used in Portable Devices Such as Mobile Phones,
PDAs, and Digital Cameras
CSA/NRTL/US Certified File No. LR78160
UL File No. E134345
Performance Specifications
Materials and Finish
Insulator
High Temperature Thermoplastic, Black Color
Contacts
Copper Alloy
Plating
30µ" Gold Plated on Contact Area
Matte tin Plated on Soldertails
Shell
Stainless Steel, Matte Tin Plated
Electrical Characteristics
Rated Voltage
: 30V AC (RMS)
Current Rating: 1A
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance: 1000 Megohms Min.
Contact Resistance: 50 milliohms Max.
Operating
Temperature: See Drawing
Mounting
Option
Contact Kycon for more options
Series
KMMLX - B Type Mid-Mount Micro USB
Type
B - B Type
Mounting Option
SMT5S - Surface Mount Fully Shielded, 5 Pin
Insulator Color Option
B
- Black
Plating Option
30 - 30
µ" Gold
Packaging
TR - Tape and Reel
Generated Part Number
Part Number Builder
Series
Insulator
Color
Plating
Option
Packaging
Option
Type
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
LR78160
KMMLX-BSMT5SB-30TR
KMMLX
B
SMT5S
B
30
TR


Similar Part No. - KMMLX

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KMMLS-111-B MSYSTEM-KMMLS-111-B Datasheet
103Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMMLS-111-B/Q MSYSTEM-KMMLS-111-B/Q Datasheet
103Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMMLS-111-C MSYSTEM-KMMLS-111-C Datasheet
103Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMMLS-111-C/Q MSYSTEM-KMMLS-111-C/Q Datasheet
103Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMMLS-111-D MSYSTEM-KMMLS-111-D Datasheet
103Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KMMLX

ManufacturerPart #DatasheetDescription
logo
FCI connector
10103593 FCI-CONNECTOR-10103593 Datasheet
203Kb / 1P
MICRO-USB B-TYPE MID-MOUNT
logo
Adam Technologies, Inc.
MCR-B-S-RA-SMT-CS1-TR ADAM-TECH-MCR-B-S-RA-SMT-CS1-TR Datasheet
92Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-SMT-TR ADAM-TECH-MCR-B-S-RA-SMT-TR Datasheet
100Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-INV-TR ADAM-TECH-MCR-B-S-RA-TSMT-INV-TR Datasheet
94Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-NP-TR ADAM-TECH-MCR-B-S-RA-TSMT-NP-TR Datasheet
95Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-P-TR ADAM-TECH-MCR-B-S-RA-TSMT-P-TR Datasheet
124Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-TR ADAM-TECH-MCR-B-S-RA-TSMT-TR Datasheet
95Kb / 1P
MICRO USB TYPE B
logo
Global Connector Techno...
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
USB3500 GCT-USB3500 Datasheet
259Kb / 4P
Micro USB Type B Receptacle,Mid-Mount,IP67
16th January 2019
logo
Molex Electronics Ltd.
SD-47642-001 MOLEX-SD-47642-001 Datasheet
177Kb / 2P
MICRO USB B REC. MID MOUNT THROUGH HOLE ASSY
2008.01.04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com