Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B503P Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # B503P
Description  50 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

B503P Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  B503P Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. B503P Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. B503P Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb Free Plating Product
B502P/B503P/B504P/B505P/B506P
50 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
Pb
B502P thru B506P
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/3
Rev.10T
BLOCK/TO-230/BA/MR/K series
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Feature:
Application:
Block Diode/Alternator Diode with AEC-Q101 Grade Quality
Stack Silicon Diffused Diode alternative
Special for Automotive AC Alternator rectifier application
Technology: Latest Glass Passivation Pellet/Cu Clip Bonding
Case: Vacuum soldered/sintered temperature < 260
Cathode Polarity: As marked on body
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting: BLOCK/TO-230/BA/MR/K series package type
Mechanical Data:
Case
Lead
Suffix:"P"
Positive
Suffix:"N"
Negative
B506P
℃
Lead
Case
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
B502P
B503P
B504P
B505P
B506P
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
300
400
500
600
Volts
Maximum RMS Voltage
VRMS
140
210
280
350
420
Volts
Maximum DC Blocking Voltage
VDC
200
300
400
500
600
Volts
Maximum Average Forward Rectified Current,
At TC = 105
Io
50
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
600
Amps
Rating for fusing (t<8.3ms)
I2t
1494
A2S
Maximum Instantaneous Forward Voltage Drop at 100A
VF
1.08
Volts
IR
5.0
450
µA
Typical Thermal Resistance
RθJL
1.0
Operating and Storage Temperature Rang
TJ, TSTG
(-65 to +175)
NOTES:
1.Enough heatsink must be considered in application.
℃/W
℃
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
℃
B505P
B504P
B503P
B502P
B506N
B505N
B504N
B503N
B502N


Similar Part No. - B503P

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
B503P THINKISEMI-B503P Datasheet
1Mb / 3P
50 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
More results

Similar Description - B503P

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
BD302P THINKISEMI-BD302P Datasheet
1Mb / 3P
30 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
B352P THINKISEMI-B352P Datasheet
1Mb / 3P
35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
BD352P THINKISEMI-BD352P Datasheet
1Mb / 3P
35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
BL352P THINKISEMI-BL352P Datasheet
1Mb / 3P
35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
GB402P THINKISEMI-GB402P Datasheet
1Mb / 3P
40 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
BL402P THINKISEMI-BL402P Datasheet
1Mb / 3P
40 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
BD402P THINKISEMI-BD402P Datasheet
1Mb / 3P
40 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
BD502P THINKISEMI-BD502P Datasheet
1Mb / 3P
50 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
BL502P THINKISEMI-BL502P Datasheet
1Mb / 3P
50 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
GB502P THINKISEMI-GB502P Datasheet
1Mb / 3P
50 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com