| Electronic Components Datasheet Search |
|
TFP503 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TFP503 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 27 page ![]() TFP503 PanelBus HDCP DIGITAL RECEIVER SLDS149 − AUGUST 2004 20 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 I2C interface (continued) The start and stop conditions are shown in Figure 16. The high-to-low transition of DDC_SDA while DDC_SCL is high defines the start condition. The low-to-high transition of DDC_SDA while DDC_SCL is high defines the stop condition. Each cycle (data or address) consists of 8 bits of serial data followed by 1 acknowledge bit generated by the receiving device. Thus, each data/address cycle contains 9 bits as shown in Figure 17. DDC_SCL 1 2 3 4 5 6 7 8 9 DDC_SDA 1 2 3 4 5 6 7 8 9 2 3 4 5 6 7 1 Slave Address MSB Sub Address Data Stop Figure 17. I2C Access Cycles Following a start condition, each I2C device decodes the slave address. The TFP503 responds with an acknowledge by pulling the DDC_SDA line low during the ninth clock cycle if it decodes the address as its address. During subsequent subaddress and data cycles, the TFP503 responds with an acknowledge as shown in Figure 18. The subaddress is autoincremented after each data cycle. The transmitting device must not drive the DDC_SDA signal during the acknowledge cycle so that the receiving device may drive the DDC_SDA signal low. The not acknowledge, A, condition is indicated by the master by keeping the DDC_SDA signal high just before it asserts the stop, P, condition. This sequence terminates a read cycle as shown in Figure 19. The slave address consists of 7 bits of address along with 1 bit of read/write information as shown below in Figures 18, 19, and 20. For the TFP503, the possible slave addresses (including the R/W bit) are 0x74, 0x76 for write cycles and 0x75 and 0x77 for read cycles. Refer to the register map section for additional base address information. In order to minimize the number of bits that must be transferred for the link integrity check, a second read format is supported. This format, shown in Figure 20, has an implicit subaddress equal to 0x08, the starting location of Ri’. Data S Slave Address Sub Address A W P From Transmitter From Receiver W Write A Acknowledge S Start Condition P Stop Condition A A Data A Figure 18. I2C Write Cycle |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |