Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3202 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3202
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3202 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3202 Datasheet HTML 7Page - National Semiconductor (TI) LM3202 Datasheet HTML 8Page - National Semiconductor (TI) LM3202 Datasheet HTML 9Page - National Semiconductor (TI) LM3202 Datasheet HTML 10Page - National Semiconductor (TI) LM3202 Datasheet HTML 11Page - National Semiconductor (TI) LM3202 Datasheet HTML 12Page - National Semiconductor (TI) LM3202 Datasheet HTML 13Page - National Semiconductor (TI) LM3202 Datasheet HTML 14Page - National Semiconductor (TI) LM3202 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Current Limiting (Continued)
down to approximately 0.375V, then the device switches to a
timed current limit mode. In timed current limit mode the
internal PFET switch is turned off after the current compara-
tor trips and the beginning of the next cycle is inhibited for
3.5us to force the instantaneous inductor current to ramp
down to a safe value. The synchronous rectifier is off in
timed current limit mode. Timed current limit prevents the
loss of current control seen in some products when the
output voltage is pulled low in serious overload conditions.
Dynamically Adjustable Output
Voltage
The LM3202 features dynamically adjustable output voltage
to eliminate the need for external feedback resistors. The
output can be set from V
FB,MIN to VFB,MAX by changing the
voltage on the analog V
CON pin. This feature is useful in PA
applications where peak power is needed only when the
handset is far away from the base station or when data is
being transmitted. In other instances the transmitting power
can be reduced. Hence the supply voltage to the PA can be
reduced, promoting longer battery life. See Setting the Out-
put Voltage in the Application Information section for further
details.
Thermal Overload Protection
The LM3202 has a thermal overload protection function that
operates to protect itself from short-term misuse and over-
load conditions. When the junction temperature exceeds
around 150˚C, the device inhibits operation. Both the PFET
and the NFET are turned off in PWM mode. When the
temperature drops below 125˚C, normal operation resumes.
Prolonged operation in thermal overload conditions may
damage the device and is considered bad practice.
Application Information
SETTING THE OUTPUT VOLTAGE
The LM3202 features a pin-controlled variable output volt-
age to eliminate the need for external feedback resistors. It
can be programmed for an output voltage from 1.3V (typ) to
3.16V (typ) by setting the voltage on the V
CON pin, as in
Table 1.
TABLE 1. Output Voltage Selection
V
CON(V)
V
OUT (V)
V
CON
≤ 0.484
V
FB,MIN
0.556 < V
CON <1.208
V
OUT =2.5xVCON
V
CON
≥ 1.312
V
FB,MAX
Refer to Figure 4 for the relation between V
OUT and VCON.
When the control pin voltage is between 0.556V and 1.208V,
the output voltage will vary in a monotonic fashion with
respect to the voltage on the control pin as per the above
Table 1 equation.
Internally the control pin is clamped before it is fed to the
error amplifier inputs. If voltage on the control pin is less than
0.484V, the output voltage is regulated at V
FB,MIN and if the
voltage is greater than 1.312V, the output is regulated at
V
FB,MAX.
INDUCTOR SELECTION
A 3.3µH inductor with saturation current rating over 1200mA
is recommended for almost all applications. The inductor’s
resistance should be less than 0.2
Ω for good efficiency. For
low dropout voltage, lower DCR inductors are advanta-
geous. Using inductors that drop by 20% in value at 1200mA
over the operating temp range is acceptable if needed to
select smallest inductor. Table 2 suggests some inductors
and suppliers.
TABLE 2. Suggested inductors and their suppliers
Model
Size (WxLxH) [mm]
Vendor
NR3015T3R3M
3.0 x 3.0 x 1.5
Taiyo-Yuden
DO3314-332MXC
3.3 x 3.3x 1.4
Coilcraft
If smaller inductance inductor is used in the application, the
LM3202 may become unstable during line and load tran-
sients and V
CON transient response times may get affected.
For low-cost applications, an unshielded bobbin inductor is
suggested. For noise critical applications, a toroidal or
shielded-bobbin inductor should be used. A good practice is
to layout the board with footprints accommodating both
types for design flexibility. This allows substitution of a low-
noise toroidal inductor, in the event that noise from low-cost
bobbin models is unacceptable. Saturation occurs when the
magnetic flux density from current through the windings of
the inductor exceeds what the inductor’s core material can
support with a corresponding magnetic field. This can cause
poor efficiency, regulation errors or stress to DC-DC con-
verter like the LM3202.
20141562
FIGURE 4. V
CON Voltage vs Output Voltage
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com